PART |
Description |
Maker |
GS840E18AB-190 GS840E18AT-190I |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256K X 18 CACHE SRAM, 7.5 ns, PBGA119 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256K X 18 CACHE SRAM, 7.5 ns, PQFP100
|
GSI Technology, Inc.
|
GS840E36AGT-180I |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 128K X 36 CACHE SRAM, 8 ns, PQFP100
|
GSI Technology, Inc.
|
IS61VPS12836A-250B3I |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 36 CACHE SRAM, 2.6 ns, PBGA165
|
Integrated Silicon Solution, Inc.
|
MX28F2100B MX28F2100BMC-12 MX28F2100BMC-70 MX28F21 |
2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
|
MCNIX[Macronix International]
|
A29002V-100 A29002-70 A29002L-70 A29002V-70 A29002 |
110ns 20mA 256K x 8bit CMOS 5.0V-only 70ns 20mA 256K x 8bit CMOS 5.0V-only 100ns 20mA 256K x 8bit CMOS 5.0V-only 120ns 20mA 256K x 8bit CMOS 5.0V-only 150ns 20mA 256K x 8bit CMOS 5.0V-only 90ns 20mA 256K x 8bit CMOS 5.0V-only 55ns 20mA 256K x 8bit CMOS 5.0V-only
|
AMIC Technology
|
BR93L66RFVM-WTR CAT28C64BGI-12T CAT25C32Y14I CAT25 |
EEPROM SRL 256X16 BIT The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS EEPROM (4kx8) 32K 2.5-6.0 EEPROM (4kx8) 32K 1.8-6.0 EEPROM (1024x8) 8K EEPROM 256K X 8 200ns EEPROM I2C BUS; 4.5 to 5.5V 16Kbit; -40 to 85 C EEPROM (256x8) 2K 1.8-6.0 EEPROM (512x8) 4k 1.8-6.0 EEPROM 128K X 8 150ns EEPROM (8kx8) 64K 1.8-6.0 EEPROM (2048x8)(1024x16)16K EEPROM U 804-29EE0107CWH EEPROM 64K X 8 70ns EEPROM (256x8) 2K 2.5-6.0 EEPROM (8kx8) 64K 2.5-6.0 SPI Serial CMOS EEPROM (Motorola Compatible), 32K, 2-bit Block Protection, WPEN Bit, SOIC SPI Serial CMOS EEPROM (Motorola Compatible), 32K, 2-bit Block Protection, WPEN Bit, TSSOP EEPROM (384x8) 128k 16 EEPROM SPI 1KBIT EEPROM SPI 4096X8 BIT EEPROM SRL 64X16 BIT EEPROM (256x8) (128x16) 2K 8-Kb I<sup>2</sup>C CMOS Serial EEPROM, SOIC EEPROM (128x8) 1k 2.5-6.0 EEPROM (8kx8) 64K 5V 90ns EEPROM (32kx8) 256K 5V 150 EEPROM (32kx8) 256K 5V 120 EEPROM 2kb 1.7-5.5V Ind I2C EEPROM 512K-Bit CMOS PARA EEPROM EEPROM (32kx8) 256K 3V 250 EEPROM 64K X 8 512K 5V 150 EEPROM 256K (32KX8)
|
Omron Electronics, LLC Atmel, Corp. MITSUMI ELECTRIC CO., LTD. Intersil, Corp. Cypress Semiconductor, Corp. TE Connectivity, Ltd. Silicon Storage Technology, Inc. BCD Semiconductor Manufacturing, Ltd. Belden, Inc. Rohm Co., Ltd. Bourns, Inc. NXP Semiconductors N.V. Lattice Semiconductor, Corp. Rectron Semiconductor SIEMENS AG Maxim Integrated Products, Inc. Rochester Electronics, LLC RF Solutions, Ltd. Fujitsu, Ltd.
|
AS29P200 AS29F200B-120SC AS29F200B-70TC AS29F200B- |
5V 256K x 8 / 128K x 16 CMOS Flash EEPROM 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 120ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 70ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 55ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 90ns
|
Alliance Semiconductor
|
256KX18 128KX36 IS61NVP25618A IS61NLP12832B-200B2 |
128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM 128K X 36 ZBT SRAM, 2.6 ns, PBGA119 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-119 128K X 36 ZBT SRAM, 2.6 ns, PBGA165 13 X 15 MM, 1 MM PITCH, PLASTIC, BGA-165 128K X 36 ZBT SRAM, 2.6 ns, PQFP100 TQFP-100 128K X 36 ZBT SRAM, 3.1 ns, PBGA119 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-119 128K X 36 ZBT SRAM, 3.1 ns, PBGA165 13 X 15 MM, 1 MM PITCH, PLASTIC, BGA-165 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K X 18 ZBT SRAM, 3.1 ns, PBGA119 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K X 18 ZBT SRAM, 3.1 ns, PQFP100
|
天津新技术产业园区管理委员会 Integrated Silicon Solution, Inc. Integrated Silicon Solu...
|
BS616LV2023 BS616LV2023AC BS616LV2023AI BS616LV202 |
VERY LOW POWER/VOLTAGE CMOS SRAM 128K X 16 OR 256K X 8 BIT SWITCHABLE
|
BRILLIANCE SEMICONDUCTOR, Inc. BSI[Brilliance Semiconductor]
|
CY7C0837AV CY7C0837AV-133BBC CY7C0837AV-133BBI CY7 |
FLEx18垄芒 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM FLEx183.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM FLEx18?/a> 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
|
Cypress Semiconductor Corp. http://
|
AT27C256 AT27C256R AT27C256R-12 AT27C256R-12JC AT2 |
256K 32K x 8 OTP CMOS EPROM 256K (128K x 8) OTP CMOS EPROM High-Speed CMOS Logic Phase-Locked Loop with VCO 16-SOIC -40 to 85 256K 32K x 8 OTP CMOS EPROM 32K X 8 OTPROM, 120 ns, PDIP28 256K 32K x 8 OTP CMOS EPROM 32K X 8 OTPROM, 90 ns, PDIP28 High-Speed CMOS Logic Phase-Locked Loop with VCO 16-SO -40 to 85 32K X 8 OTPROM, 70 ns, PQCC32 256K 32K x 8 OTP CMOS EPROM 32K X 8 OTPROM, 70 ns, PDIP28 256K 32K x 8 OTP CMOS EPROM 32K X 8 OTPROM, 120 ns, PDSO28 256K 32K x 8 OTP CMOS EPROM 32K X 8 OTPROM, 70 ns, PQCC32 256K 32K x 8 OTP CMOS EPROM 32K X 8 OTPROM, 55 ns, PDIP28 High-Speed CMOS Logic Phase-Locked Loop with VCO 16-SO -40 to 85 32K X 8 OTPROM, 70 ns, PDIP28 High-Speed CMOS Logic Phase-Locked Loop with VCO 16-TVSOP -40 to 85 High-Speed CMOS Logic Phase-Locked Loop with VCO 16-TSSOP -40 to 85 8-Channel Analog Multiplexer/Demultiplexer 16-SSOP -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation] http://
|
|