PART |
Description |
Maker |
ADA4691-2 ADA4691-4 |
Low Power, Wideband, Low Noise, Rail-to-Rail Output, Dual Op Amp Low Power, 3.6 MH<span style="text-transform: lowercase">z</span>, Low Noise, Rail-to-Rail Output, Quad Op Amp
|
Analog Devices
|
LTC6241HVIDD LTC6242HVIGN |
Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps DUAL OP-AMP, 725 uV OFFSET-MAX, 18 MHz BAND WIDTH, PDSO8 Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
|
Linear Technology, Corp.
|
LT1810 LT1806 LT1807 |
325MHz, Single/Dual, Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps Dual 325MHz, Rail-to-Rail Input and Output, Low DistortionPrecision Op Amp
|
Linear Technology
|
AD866308 AD8663ACPZ-REEL AD8663ACPZ-REEL7 AD8663AR |
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifier; Package: LFCSP (3x3mm); No of Pins: 8; Temperature Range: Industrial OP-AMP, 175 uV OFFSET-MAX, 0.52 MHz BAND WIDTH, DSO8 Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
LTC6244HVHDD LTC6244HVHDDPBF LTC6244HVHDDTR LTC624 |
Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
|
Linear Technology
|
LT1677CS8PBF LT1677IN8 |
Low Noise, Rail-to-Rail Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 120 uV OFFSET-MAX, 6.2 MHz BAND WIDTH, PDSO8 Low Noise, Rail-to-Rail Precision Op Amp
|
Linear Technology, Corp.
|
ISL28291FBZ ISL28291FBZ-T7 ISL28191FRUZ ISL28191FR |
Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
|
Intersil Corporation
|
LT1806 LT1806CS8 LT1806IS8 1806I |
325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion, Low Noise Precision Op Amp OP-AMP, 900 uV OFFSET-MAX, 290 MHz BAND WIDTH, PDSO8 325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion Low Noise Precision Op Amp From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LTC6242CGNTRPBF LTC6242CGNPBF LTC6242CDHCPBF LTC62 |
Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD OP-AMP, 275 uV OFFSET-MAX, 17 MHz BAND WIDTH, PDSO16 Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: DFN; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD OP-AMP, 650 uV OFFSET-MAX, 17 MHz BAND WIDTH, PDSO16 Dual 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C DUAL OP-AMP, 400 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8 Dual 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 325 uV OFFSET-MAX, 18 MHz BAND WIDTH, PDSO8 OP-AMP, 400 uV OFFSET-MAX, 18 MHz BAND WIDTH, PDSO8 Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: SSOP; No of Pins: 16; Temperature Range: -40° to 125°C Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP Linear Dimensions Semiconductor Linear Dimensions Semic...
|
MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471E |
Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps OP-AMP, 15000 uV OFFSET-MAX, 0.009 MHz BAND WIDTH, PDSO5 Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps 四路1.8V/750nA、SC70封装、满摆幅运算放大 Single/Dual/Quad / !.8V/750nA / SC70 / Rail-to-Rail Op Amps "Single, 1.8V/750nA, SC70, Rail-to-Rail Op Amps" Single/Dual/Quad !.8V/750nA SC70 Rail-to-Rail Op Amps Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|