PART |
Description |
Maker |
Q62702-F1063 BFT93 |
PNP Silicon RF Transistor for broadba... PNP Silicon RF Transistor (For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA) UHF BAND, Si, PNP, RF SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon http://
|
2SB1026 2SB1026DL 2SB1026DM |
Silicon PNP Transistor Silicon PNP Epitaxial Transistor TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 1A I(C) | TO-243 晶体管|晶体管|进步党| 100V的五(巴西)总裁| 1A条一(c)|43 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Renesas Technology / Hitachi Semiconductor Maxim Integrated Products, Inc.
|
2SA915 2SA915L 2SA915-K 2SA915-AZ 2SA915K |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SILICON TRANSISTOR TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 50MA I(C) | TO-221VAR
|
List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc.
|
2N2904 JANTX2N2905A JAN2N2904 JAN2N2905 2N2904A 2N |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 PNP Transistor PNP SWITCHING SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 3 Pin 1.5A Fixed 12V Positive Voltage Regulator 3-TO-220 0 to 125 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
MICROSEMI CORP-LAWRENCE http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
MJE371 ON2036 |
POWER TRANSISTOR PNP SILICON 4 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-225AA 4 AMPERE POWER TRANSISTOR PNP SILICON 40 VOLTS 40 WATTS From old datasheet system
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
MSB92T1G |
PNP Silicon General Purpose High Voltage Transistor SS SC59 HV XSTR PNP 300V 150 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
KSB1149 KSB1149OS KSB1149OSTU KSB1149YS KSB1149YST |
PNP Silicon Darlington Transistor PNP Epitaxial Silicon Transistor Low Collector Saturation Voltage Built-in Damper Diode at E-C
|
FAIRCHILD[Fairchild Semiconductor]
|
BC80725MTFNL BC80816MTF FAIRCHILDSEMICONDUCTORCORP |
PNP Epitaxial Silicon Transistor 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
2SA1488A 2SA1488 |
Silicon PNP Transistor Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
|
SANKEN[Sanken electric]
|
2SA2042 |
From old datasheet system Silicon PNP Epitaxial Planar Transistor Silicon PNP Transistor
|
List of Unclassifed Manufacturers ETC[ETC] Sanken
|
BD180 ON0190 |
POWER TRANSISTOR PNP SILICON CASE 77-09 TO-225AA TYPE From old datasheet system Plastic Medium Power Silicon PNP Transistor
|
Motorola Inc ON Semiconductor MOTOROLA[Motorola, Inc]
|
BC807U |
General Purpose Transistors - PNP Silicon AF Transistor Array for AF input stages and drivers PNP Silicon Transistor Array
|
INFINEON[Infineon Technologies AG]
|