PART |
Description |
Maker |
HIP631104 HIP6311CBZA HIP6301EVAL1 HIP6311 HIP6311 |
Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-SOIC T&R SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PDSO20 Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HIP6302CB HIP6302 HIP6302CB-T HIP6302EVAL1 FN4766 |
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller(寰??????稿?澶?????璋??瑙h??? Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller 微处理器核心电压调节器的多相降压PWM控制 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL6554 |
Microprocessor CORE Voltage Regulator Using Multi-Phase Buck PWM Control Without Programmable Droop
|
INTERSIL[Intersil Corporation]
|
ISL6219 ISL6219CA |
Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
|
INTERSIL[Intersil Corporation]
|
ISL6560CB ISL6560 |
PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.1-1.85 Voltage, VRM 9.0 Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
|
INTERSIL[Intersil Corporation]
|
T1400 T2500 T2700 L2400 T2300 T2400 U2400 U2500 T1 |
Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process 1830 MHz, MICROPROCESSOR, PBGA479
|
Intel Corporation
|
ADM706PARZ-REEL ADM706PAR-REEL ADM706T ADM706R ADM |
3 V, Voltage Monitoring Microprocessor Supervisory Circuit; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 3 V, Voltage Monitoring Microprocessor Supervisory Circuits
|
Analog Devices, Inc.
|
EZ4021-FC |
64-Bit, High Performance,Microprocessor Core(64高性能微处理核芯芯
|
LSI Corporation
|
CW400X |
32-Bit, High Performance,Microprocessor Core family(32高性能微处理核芯系列芯
|
LSI Corporation
|
SH7040 SH7042 SH7043A SH7045 SH7040A SH7041A SH704 |
Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2) Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2) 瑞萨32位单芯片RISC微处理器的SuperH RISC引擎Family/SH7040系列(CPU核心SH - 2 Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2) 瑞萨32位单芯片RISC微处理器的SuperH RISC引擎Family/SH7040系列(CPU核心的SH - 2 Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2) 瑞萨32位单芯片RISC微处理器SuperH RISC引擎Family/SH7040系列(CPU核心SH - 2
|
Renesas Electronics Corporation. Renesas Electronics, Corp.
|
PC755 PC755CMGSU300LE PC755CMGSU350LE PC755CMGSU36 |
PowerPC 755/745 RISC Microprocessor E Core PowerPC 755/745 RISC Microprocessor 32-BIT, 300 MHz, RISC PROCESSOR, CBGA360 PowerPC 755/745 RISC Microprocessor RISC微处理器PowerPC45分之755 PowerPC 755/745 RISC Microprocessor 32-BIT, 300 MHz, RISC PROCESSOR, PBGA360 32-bit Power PC RISC Microprocessor, 300-366 MHz
|
ATMEL Corporation Atmel Corp. Atmel, Corp.
|
MCF5206EPB MCF5206EUM/D MCF5206EAB40 MCF5206EPB/D |
MCF5206e Integrated ColdFire Microprocessor Product Brief ColdFire Version 2 core, 32-bit data base
|
Freescale Semiconductor, Inc
|