PART |
Description |
Maker |
BT134 BT134-500 BT134-500F BT134-500G BT134-600 BT |
Triacs 500 V, 4 A, TRIAC Triacs 800 V, 4 A, TRIAC Triacs(双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
T2322-D T2322B |
Sensitive gate Triac Silicon Bidirectional Thyristors(2.5A,200V敏感门三端双向可控硅晶闸 TRIAC 2.5A 200V Sensitive Gate Triacs
|
ON Semiconductor
|
MAC97 MAC97A8RLRM MAC97A8RLRMG MAC97A8RLRP MAC97A8 |
Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 400 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 200 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|
BT139B BT139B-500 BT139B-500F BT139B-500G BT139B-6 |
Octal D-Type Registers with 3-State Outputs 20-CDIP -55 to 125 500 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 Triacs high noise immunity Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT139-500E BT139-600E BT139-800E |
Triacs sensitive gate Triacs sensitive gate(双向可控硅敏感门)
|
NXP Semiconductors Philips Semiconductors
|
5P4M 5P5M 5P6M |
Triacs sensitive gate
|
Tiger Electronic Co.,Ltd
|
TLC221S TLC111S TLC331S TLC381S |
SENSITIVE GATE TRIACS
|
STMicroelectronics
|
T1235-600G |
Triacs sensitive gate
|
Tiger Electronic Co.,Ltd
|
BT137-600 |
Triacs sensitive gate
|
http://
|
BT138-600 |
Triacs sensitive gate
|
Tiger Electronic Co.,Ltd
|
BT137-600D |
Triacs sensitive gate
|
Tiger Electronic Co.,Ltd
|
TYN610F |
Triacs sensitive gate
|
Tiger Electronic Co.,Lt...
|