PART |
Description |
Maker |
MPSL51 |
Amplifier Transistor 600 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA Amplifier Transistor(PNP Silicon)
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2N2060A |
Dual Amplifier Transistor(Small Signal Dual Transistor in a TO-77 Hermetic Package具有放大器功能的双晶体管(TO-77封装两个小信号晶体管 双放大器晶体管(双小信号晶体管采用TO - 77气密封装)(具有放大器功能的双晶体管(至77封装两个小信号晶体管)) DUAL AMPLIFIER TRANSISTOR 500 mA, 60 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, MO-002AF
|
Central Semiconductor, Corp. TT electronics Semelab, Ltd. Semelab(Magnatec) TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
KTC3878 KTC3883 |
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH FREQUENCY/ VHF BAND AMPLIFIER) EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY LOW NOISE AMPLIFIER, HF, VHF AMPLIFIER)
|
KEC[KEC(Korea Electronics)]
|
2N5401 2N5400 ON0059 2N5401G 2N5400RLRP 2N5401RLRP |
Amplifier Transistor(PNP Silicon) From old datasheet system CASE 29-4, STYLE 1 TO-2 (TO-26AA) Amplifier Transistor PNP
|
MOTOROLA[Motorola, Inc] ON Semiconductor
|
EN8278B CPH5901F-TL-E CPH590112 CPH5901G-TL-E CPH5 |
N-Channel JFET and NPN Bipolar Transistor, 15V, 6 to 20mA, 50V, 150mA, Composite type CPH5 High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
|
ON Semiconductor Sanyo Semicon Device
|
KTC3878 |
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY LOW NOISE AMPLIFIER/ HF/ VHF AMPLIFIER)
|
KEC(Korea Electronics)
|
2SA1837 |
TRANSISTOR SILICON PNP EPITAXIAL TYPE POWER AMPLIFIER AND DRIVER STAGE AMPLIFIER APPLICATIONS
|
TOSHIBA
|
2SC3665 |
TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS) AUDIO POWER AMPLIFIER AND DRIVE STAGE AMPLIFIER APPLICATIONS
|
TOSHIBA
|
FH105 |
2 CHANNEL, L BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
|
Sanyo Semicon Device
|
BFS483 Q62702-F1574 Q62702F1574 |
NPN Silicon RF Transistor (For low-noise/ high-gain broadband amplifier at colector current from 2mA to 28mA) NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at colector current from 2mA to 28mA) NPN硅射频晶体管(对于低噪声,高增益的colector2mA至二十八毫安目前的宽带放大器 NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at colector current from 2mA to 28mA) 2 CHANNEL, UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR TRANSISTOR R.F SOT363 From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|