PART |
Description |
Maker |
HC55120CB HC55130IB |
Voltage Regulator IC; Output Current:2A; Output Voltage:5V; Package/Case:3-TO3P; Output Voltage Max:5.1V; Output Voltage Min:4.9V IC-VLTG REG 6V TO220 ISO
|
Intersil Corporation
|
SI-3003KWM |
1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, SSO5 SI-3003KWM 1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator 1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
|
Sanken Electric Co., Ltd. Allegro MicroSystems
|
HDMP-0440 |
Voltage Regulator IC; Output Current:100mA; Output Voltage:6.2V; Package/Case:3-TO-92; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole; Supply Voltage:35V HDMP-0440 · 1.0625-1.25 GBd Quad Port Bypass Circuit without CDR for Fibre Channel/Storage and GbE Applications
|
Agilent (Hewlett-Packard)
|
1N5988 1N5993 1N5987 1N5989 1N5997 1N5996 1N6029 1 |
From old datasheet system Axial-Leaded 500 mW Zener Diodes SILICON 500 mW ZENER DIODES 3.3V Input to Regulated 5V Output Charge Pumps Static Protection Wrist Grounder; Body Material:Fabric RoHS Compliant: NA Zener Voltage Regulator Diode 8.2 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 180 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 33 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 39 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 15 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 100 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Insulating Tape; Peak Reflow Compatible (260 C):No 27 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH
|
MICROSEMI CORP-LAWRENCE MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
LM7806 UTCLM7818 UTCLM78XX LM7809 LM7810 LM7824 UT |
1A positive voltage regulator, output 15V, output transistor SOA protection 3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR 5.0 AMP POSITIVE VOLTAGE REGULATOR
|
UTC[Unisonic Technologies] ??『绉???′唤??????
|
AN78L05 AN78L05M AN78L07 AN78L07M AN78L06M AN78L06 |
General-Purpose Linear IC - Voltage Regulater - 3-Pin Regulator AB 6C 2#8,4#16 SKT RECP Circular Connector Shell; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3100; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Gender:Male-Female Adapter 2.5GHz 45dB RF-Detecting Controllers 4 V FIXED POSITIVE REGULATOR, PSSO3 3-pin positive output voltage regulator (100 mA type) 12 V FIXED POSITIVE REGULATOR, PSSO3 3-pin positive output voltage regulator (100 mA type) 20 V FIXED POSITIVE REGULATOR, PBCY3 3-pin positive output voltage regulator (100 mA type) 18 V FIXED POSITIVE REGULATOR, PSSO3
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation Panasonic, Corp.
|
IP1523 |
DUAL OUTPUT VOLTAGE SERIES REGULATOR
|
INTERPION[Interpion semiconductor]
|
IP1621 |
DUAL OUTPUT VOLTAGE LDO REGULATOR + RESET IC
|
INTERPION[Interpion semiconductor]
|
VRD1A1DLTX VRD1A1ELTX VRD1A25LTX VRD1A2FLTX VRD1A2 |
High speed, Low dropout, 1% High output accuracy CMOS Voltage Regulator with Dual output
|
AnaSem Hong Kong Limited
|