PART |
Description |
Maker |
M3764 |
VDD CONTROL ALARM SOUND
|
List of Unclassifed Manufacturers ETC SHENZHEN TIRO SEMICONDUCTOR
|
EM44CM1688LBC-25E EM44CM1688LBC-3 EM44CM1688LBC-3I |
JEDEC Standard VDD/VDDQ
|
Eorex Corporation
|
SB0015-03A |
30V/15mA Detection Applications 30V,15mA Detection Applications
|
Sanyo Semicon Device
|
BT151-650R |
SCR, 12 A, 15mA, 650 V, SOT78
|
NXP Semiconductors N.V.
|
MT8804A |
8 x 4 Analog Switch Array with Low On-resistance, for (VDD - VEE) = 5 V to 15 V
|
Zarlink Semiconductor
|
MT8806 |
8 x 4 Analog Switch Array with Low On-resistance, for (VDD - VEE) = 4.5 V to 13.2 V
|
Zarlink Semiconductor
|
2SK3325 |
Low gate charge: QG = 22 nC TYP. (VDD = 400 V, VGS = 10 V, ID = 10 A)
|
TY Semiconductor Co., Ltd
|
1N5711 1N6263 |
15mA Axial Leaded Schottky Barrier Diodes
|
SUNMATE electronic Co., LTD SUNMATE electronic Co.,...
|
C8051F552-IM C8051F570-IM C8051F560-IQ C8051F561-I |
8-BIT, FLASH, 50 MHz, MICROCONTROLLER, QCC24 Up to 200 ksps Up to 32extemal single-ended inputs VREF from on-chip VREF, extemal pin or VDD Up to 200 ksps Up to 32extemal single-ended inputs VREF from on-chip VREF, extemal pin or VDD
|
SILICON LABORATORIES
|
LTC1875EGN |
15mA Quiescent Current 1.5A Monolithic Synchronous Step-Down Regulator
|
Linear Technology Corporation
|
MT8814 |
8 x 12 Analog Switch Array with Low On-resistance, for (VDD - VEE) =4.5 V to 13.2 V, with Chip Select
|
Zarlink Semiconductor
|