|
7P128FLF1200C20 - VOLTAGE DETECTOR W/PUSH-PULL ACTIVE LOW OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R 周边杂项 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R 周边杂项 Peripheral Miscellaneous 周边杂项 High Density FLASH Memory Card 32, 64, 96, 128, 160, 192 MB(32, 64, 96, 128, 160, 192M字节高密度闪速存储器 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 5-DDPAK, T/R 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-DDPAK, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-TO-220, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-DDPAK, T/R 500mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R PeripheralMiscellaneous |
Full text search : VOLTAGE DETECTOR W/PUSH-PULL ACTIVE LOW OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R 周边杂项 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R 周边杂项 Peripheral Miscellaneous 周边杂项 High Density FLASH Memory Card 32, 64, 96, 128, 160, 192 MB(32, 64, 96, 128, 160, 192M字节高密度闪速存储器 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 5-DDPAK, T/R 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-DDPAK, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-TO-220, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-DDPAK, T/R 500mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R PeripheralMiscellaneous |
|
Related Part Number | ||||||||||||||||||||||||||||||
|
||||||||||||||||||||||||||||||
Related keyword From Full Text Search System | ||||||||||||||||||||||||||||||
|
||||||||||||||||||||||||||||||