PART |
Description |
Maker |
2SC3116 2SA1248 |
160V/700mA Switching Applications
|
SANYO[Sanyo Semicon Device]
|
2SA1248 2SC3116 0035 |
NPN Epitaxial Planar Silicon Transistors 160V/700mA Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC3902 2SA1507 |
160V/1.5A Switching Applications
|
SANYO[Sanyo Semicon Device]
|
AD7294NBSP |
12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applicati
|
Analog Devices
|
HM77-11003 HM77-12003 HM77-14004 HM77-13003 HM77-2 |
AUTO TEMP PROTECTED QUAD 60V,700mA/CHNL UDK2559LB WITH TAPE & REEL Power Driver IC; Number of Drivers:4; Power Driver Type:Protected; Supply Voltage Max:7V; Output Current Max:700mA; Package/Case:16-DIP; Driver Type:Power; Leaded Process Compatible:No; Output Current:700mA 超薄表面贴装电感 Low Profile Surface Mount Inductors 超薄表面贴装电感
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers ETC[ETC] BI Technologies
|
SPX2700 SPX2700AM3-3.3 SPX2700AM3-5.0 SPX2700AT3-3 |
700mA Low Dropout Voltage Regulators With Shutdown(700mA,低压差稳压带关) 700mA的低压差稳压器具有关断(700mA的,低压差稳压器(带关断)) 700mA Low Dropout Voltage Regulators With Shutdown 700mA的低压差稳压器具有关 320 x 240 pixel format, CFL backlight available with power harness 240 x 64 pixel format, CFL, LED, or EL Backlight available
|
SPC Technology Toshiba, Corp. SIPEX[Sipex Corporation]
|
NTE19 NTE18 |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 700MA I(C) | SIP TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 700MA I(C) | SIP Silicon Complementary Transistors High Voltage, High Current Capacity Driver
|
NTE[NTE Electronics]
|
AMLDV-NZ13 |
Up to 700mA | LED Driver
|
AIMTEC
|
AMEGR8-KZ AMEGR8-1270KZ AMEGR17-2470KZ AMEGR17-KZ |
700mA | AC-DC LED driver
|
AIMTEC
|
AMER3-0470KZ AMER3-KZ AMER4-1230KZ AMER4-KZ |
up to 700mA | AC-DC LED driver
|
AIMTEC
|
2SC2911 2SA1209 2SA120902 |
NPN Epitaxial Planar Silicon Transistors 160V/140mA High-Voltage Switching and AF 100W Predriver Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo Semicon Device
|