PART |
Description |
Maker |
UDA1334BT/N2112 |
Low power audio DAC; Package: SOT109-1 (SO16); Container: Tube SERIAL INPUT LOADING, 24-BIT DAC, PDSO16
|
NXP Semiconductors N.V.
|
UDA1334TS |
Low power audio DAC
|
PHILIPS[Philips Semiconductors]
|
UDA1334BTS |
Low power audio DAC
|
PHILIPS[Philips Semiconductors]
|
MS6324DGTR MS6324GTR MS6324GU MS6324MGTR MS6324MGU |
16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
|
MOSA ELECTRONICS
|
UDA1334ATS UDA1334A UDA1334ATS/N2 |
UDA1334ATS; Low power audio DAC with PLL
|
Philips
|
STW5094A STW5094ADLF STW5094ADT STW5094ADTLF |
18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
|
STMicroelectronics
|
BS616LV1626TI BS616LV1622TC-55 BS616LV1622TC-70 BS |
Asynchronous 16M(2Mx8 or 1Mx16 Switchable) bits Static RAM Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable LM4922 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4921 Low Voltage I 2 S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control; Package: MICRO SMD; No of Pins: 20 非常低功电压CMOS SRAM00万16M × 8位开 LM4921? Low Voltage I 2 S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control; Package: MICRO SMD; No of Pins: 20
|
Brilliance Semiconducto... http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
MAX5556ESAG0F |
Low-Cost Stereo Audio DAC
|
MAXIM - Dallas Semiconductor
|
EE2-5NU EE2-12NUX-R EE2-12NUX-L EE2-12NUX EE2-12NU |
POWER/SIGNAL RELAY, DPDT, LATCHED, 12VDC (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type Compact and lightweight High breakdown voltage Surface mounting type Replaced by PCM1602A : 105dB SNR 6-Channel Audio DAC 48-LQFP OSC 5V SMT PLAS 14X9 CMOS 105dB SNR 8-Channel Audio DAC 28-SSOP/QSOP -25 to 70 Replaced by PCM1754 : 97dB SNR Stereo DAC 14-SOIC Replaced by PCM1609A : 105dB SNR 8-Channel Audio DAC 48-LQFP 105dB SNR 8-Channel Audio DAC 48-LQFP -25 to 85 Serial Interrupt Stream Deserializer 48-LQFP Compact and lightweight, High breakdown voltage, Surface mounting type 小巧轻盈,击穿电压高,表面安装型 Replaced by PCM1798 : 106dB SNR Stereo DAC 28-SSOP 小巧轻盈,击穿电压高,表面安装型 Compact and lightweight/ High breakdown voltage/ Surface mounting type
|
NEC TOKIN CORP NEC[NEC] NEC Corp. NEC, Corp.
|
TDA1309H |
Low-voltage low-power Stereo Bitstream ADC/DAC(低电压低功耗位流模数模转换器(ADC/DAC
|
NXP Semiconductors Philips Semiconductors
|
AK4355 AK4355VF AKD4355 |
6-channel 24-bit 192K 106dB Digital volume (DATT) AK4355 192KHZ 24BIT 6CH DAC FOR DVD AUDIO 192kHz 24-Bit 6ch DAC for DVD-Audio
|
AKM[Asahi Kasei Microsystems]
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|