PART |
Description |
Maker |
TVSF1206 |
“FemtoFarad Polymer ESD Suppressor
|
Microsemi Corporation
|
PESD5V0F1BL PESD5V0F1BL-15 |
Femtofarad bidirectional ESD protection diode
|
NXP Semiconductors N.V.
|
MLESD08A-2510 MLESD08A-2510-TP |
Multilayer Polymer ESD Suppressor
|
Micro Commercial Components 天津环球磁卡股份有限公司 Micro Commercial Compon...
|
MLSEP24B-0603 |
Multilayer Polymer ESD Suppressor
|
GOOD-ARK Electronics
|
ESD0201LC05N15 |
Surface Mount Polymer ESD Suppressors
|
Socay Electornics Co., ...
|
ESD0201E002N00 |
Surface Mount Polymer ESD Suppressors
|
Socay Electornics Co., ...
|
T529P106M010AAE200 |
Tantalum, Polymer Tantalum, Reduced Volume, T529, 10 uF, 20%, 10 V, 2012, SMD, Polymer, Substrate, 200 mOhms, Height Max= 1mm
|
Kemet Corporation
|
T520Y337M010ANE025 |
T520, Tantalum, Polymer Tantalum, 330 uF, 20%, 10 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, 7343, Height Max = 4mm
|
Kemet Corporation
|
CPDER12V0U-HF |
Halogen Free ESD Diodes, V-C=24V, V-ESD=30kV SMD ESD Protection Diode
|
Comchip Technology
|
CPDFR12V-HF CPDFR12V0-HF CPDFR24V0-HF CPDFR5V0-HF |
Halogen Free ESD Diodes, V-C=15V, V-ESD=8kV Halogen Free ESD Diodes, V-C=47V, V-ESD=8kV Halogen Free ESD Diodes, V-C=25V, V-ESD=8kV SMD ESD Protection Diode
|
Comchip Technology
|
PLF0E331MCO8 |
Aluminum Polymer Radial Lead Capacitor; Capacitance: 330uF; Voltage: 2.5V; Case Size: 6.3x8.5 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 330 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
T530D157M010ATE010 |
T530, Tantalum, Polymer Tantalum, Multi-Anode, 150 uF, 20%, 10 V, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 10mOhms, 7343, Height Max = 3.1mm
|
Kemet Corporation
|
|