PART |
Description |
Maker |
E28F256J3C-110 GE28F256J3C-110 E28F256J3C-115 GE28 |
Intel StrataFlash Memory (J3) 英特StrataFlash存储器(J3 Aluminum Electrolytic Radial Lead Audio Grade Capacitor; Capacitance: 2200uF; Voltage: 10V; Case Size: 10x20 mm; Packaging: Bulk 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 16M X 16 FLASH 2.7V PROM, 125 ns, PDSO56 Intel StrataFlash Memory (J3) 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 8M X 16 FLASH 3V PROM, 150 ns, PDSO56 Intel StrataFlash Memory (J3) 8M X 16 FLASH 2.7V PROM, 120 ns, PBGA64 (TE28FxxxJ3C) Strata Flash Memory Strata Flash Memory / 256 Mbit
|
Intel, Corp. Intel Corp. http:// Intel Corporation
|
28F640J3A 28F128J3A 28F320J3A |
3 Volt Intel StrataFlash Memory(3 V 64M位英特尔StrataFlash存储 3 Volt Intel StrataFlash Memory(3 V 128M位Strata闪速存储器) 3 Volt Intel StrataFlash Memory(3 V 32M位英特尔StrataFlash存储
|
Intel Corp.
|
TE28F320J3C JS28F128J3A-110 JS28F128J3A-115 JS28F1 |
Intel StrataFlash Memory (J3)
|
Intel Corporation
|
GE28F640K18 GE28F640K3 |
(GE28FxxxKx) Intel StrataFlash Memory (J3)
|
Intel Corporation
|
RC28F640J3A-120 RC28F320J3 E28F128J3A RC28F128J3 E |
3 Volt Intel StrataFlash Memory
|
INTEL[Intel Corporation]
|
28F320J5 28F640J5 29060613 |
5 Volt Intel StrataFlash Memory From old datasheet system
|
Intel
|
RD48F3000L0ZTQ0 |
1.8 Volt Intel StrataFlashWireless Memory with 3.0-Volt I/O (L30) 8M X 16 FLASH 1.8V PROM, PBGA80
|
Intel, Corp.
|
28F640P3 PF48F3P0ZB00 PF48F2P0ZB00 PC48F0P0VB00 PC |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.2pF/ft; Conductor Material:Steel; Conductor Plating:Copper RoHS Compliant: Yes Photoelectric Sensor; Sensor Input Type:Optical; Sensing Range Max:5m; Sensor Output Type:Relay; Leaded Process Compatible:No; Output Type:Relay; Peak Reflow Compatible (260 C):No; Contact Current Max:3A; Contact Rating:3A Intel StrataFlash Embedded Memory 16M X 16 FLASH 1.8V PROM, 88 ns, PDSO56 Intel StrataFlash Embedded Memory 4M X 16 FLASH 1.8V PROM, 85 ns, PDSO56 Intel StrataFlash Embedded Memory 8M X 16 FLASH 1.8V PROM, 85 ns, PDSO56 COAXIAL CABLE; COAXIAL RG/U TYPE:11; IMPEDANCE 75OHM CONDUCTOR SIZE AWG:14; NO. STRANDS X STRAND SIZE: SOLID; JACKET MATERIAL:POLYVINYLCHLORIDE (PVC); CONDUCTOR MATERIAL:STEEL; CONDUCTOR PLATING COPPER; JACKET COLOR:BLAC 英特尔StrataFlash嵌入式存储器 Intel StrataFlash Embedded Memory 16M X 16 FLASH 1.8V PROM, 88 ns, PBGA64 Intel StrataFlash Embedded Memory 英特尔StrataFlash嵌入式存储器 Circular Connector; No. of Contacts:41; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:20-41 英特尔StrataFlash嵌入式存储器 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT00; No. of Contacts:10; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle 英特尔StrataFlash嵌入式存储器 Photoelectric Sensor; Sensor Input Type:Optical; Sensing Range Max:43mm; Sensor Output Type:Relay; Leaded Process Compatible:No; Output Type:Relay; Peak Reflow Compatible (260 C):No; Contact Current Max:3A; Contact Rating:3A 英特尔StrataFlash嵌入式存储器 Strata Flash Memory / 1 Gbit P30 Family CAP 0.01UF 63V 10% MET-POLY-BOX RAD5MM 7.5X6.5X2.5MM BULK 8M X 16 FLASH 1.8V PROM, 85 ns, PBGA88 Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:41; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket; Insert Arrangement:20-41 Intel StrataFlash Embedded Memory
|
Intel Corp. http:// Intel, Corp. Intel Corporation
|
PC28F128P30 |
Numonyx StrataFlash Embedded Memory
|
Numonyx
|
PF48F4400M0Y0T0 |
Numonyx StrataFlash Wireless Memory
|
Numonyx B.V
|
D1688 D1688-A D1683 D1683-A |
Intel 875P Chipset DDR400 SDRAM (PC3200) Memory and Intel Pentium 4 Processors (800 MHz FSB) 英特75P芯片组支DDR400内存(PC3200)内存,英特尔奔处理器(800MHz前端总线
|
Fujitsu Component Limited. Fujitsu, Ltd. Fujitsu Limited FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
GDS1110BC |
Intel? Pentium? M Processor with Intel? 855GME and Intel? FW82801DB Development Kit
|
Intel Corporation
|