PART |
Description |
Maker |
STR-54041 ES85044 |
SANKEN ELECTRIC COMPANY/LTD. Hybrid IC Voltage Regulator Module(NPN Triple Diffused, for TV Switch Mode Power Supply)
|
Sanken Electric Co.,Ltd.
|
STR50041A |
Sanken Switching Regulator Hybrid IC
|
Sanken electric
|
STR-D3015 STR-D3010 STR-D3013 STR-D3000 STR-D3012 |
SANKEN ELECTRIC COMPANY, LTD.
|
Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
LD2985AM50R LD2985AM40R LD2985BXX50 LD2985BXX47 LD |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATO WITH INHIBIT FUNCTION VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ??????浣?
|
AN77L00 AN77L00M AN77L03 AN77L035 AN77L035M AN77L0 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, Cell with body o-ring, 10 Vdc excitation 5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PSSO3 3-pin Low Power Loss Voltage Regulato r(100mA Type) Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, flush mount with flange, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/4-18 NPT, 10 Vdc excitation Series 3-Pin Low Power Loss Voltage Regulator Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/4-18 NPT, 10 Vdc excitation 3-pin Low Power Loss Voltage Regulato (100mA Type)
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
JH-119PIN JH-115PIN JH-114PIN JHS-119PIN JHS-115PI |
Quadrature Hybrid, 80 - 160 MHz Surface Mount Quadrature Hybrid, 40 - 80 MHz Quadrature Hybrid, 20 - 40 MHz Quadrature Hybrid, 2 - 32 MHz Quadrature Hybrid, 100 - 200 MHz
|
Tyco Electronics
|
BGD704 |
Hybrid amplifier module operating with a voltage supply of 24 V (DC).
|
NXP Semiconductors N.V.
|
IRAM136-3063B |
Integrated Power Hybrid IC for Low Voltage Motor Applications
|
International Rectifier
|
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
STR-53041 STR53041 |
Hybrid IC Voltage Regulator(NPN Triple Diffused SMPS for Color TV) Hybrid IC Voltage Regulator(NPN Triple Diffused, SMPS for Color TV)
|
Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
|