PART |
Description |
Maker |
MAX9051 MAX9039 MAX9041 MAX9052 MAX9042 MAX9053 MA |
4-Bit Binary Full Adders With Fast Carry 16-CFP -55 to 125 "SOT23, Micropower Comparator plus Precision 2.5V Refenece" " Micropower, Comparator and Reference in UCSP" "SOT23, Micropower Comparator plus Precision 2.048V Refenece" " SOT23, Micropower Comparator plus Precision 2.5V Refenece" "Dual, Micropower Comparator plus Precision 2.048V Refenece" Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LT1077AC LT1077ACH LT1077ACJ8 LT1077ACN8 LT1077AI |
Micropower, Single Supply, Precision Op Amp From old datasheet system Micropower/ Single Supply/ Precision Op Amp Micropower Single Supply Precision Op Amp JT 18C 18#20 SKT PLUG
|
LINER[Linear Technology] Linear Technology Corporation
|
CDLL3030B CDLL3030BUR-1 CDLL3040B CDLL3040BUR-1 CD |
20 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB 24 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB 3-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-TO-92 -40 to 85 1瓦稳压二极管 3-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 5-SC70 -40 to 85 1瓦稳压二极管 surface mount silicon Zener diodes 表面贴装硅稳压二极管 1 Watt Zener Diodes(1W齐纳二极 1瓦齐纳二极管W的齐纳二极管 8.192-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-SOT-23 -40 to 85 1瓦稳压二极管 1 Watt Zener Diodes(1W齐纳二极 1瓦齐纳二极管1W的齐纳二极管 5-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-SOT-23 -40 to 85 1瓦稳压二极管 Zener Voltage Regulator Diode 齐纳稳压二极 4.096-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-SOT-23 -40 to 85 1瓦稳压二极管 3-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-SOT-23 -40 to 125
|
Compensated Deuices Inc... Littelfuse, Inc. Analog Devices, Inc. Spansion, Inc. Kingbright, Corp. Microsemi, Corp. CDI-DIODE[Compensated Deuices Incorporated] Compensated Devices Incorporated
|
SPX1432M_TR SPX1432 SPX1432AM SPX1432AM_TR SPX1432 |
1.24V Precision Adjustable Shunt Regulator, 0.5% 1.24V Precision Adjustable Shunt Regulator, 1% Circular Connector; No. of Contacts:37; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:14; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No Low Power Analog to Digital Converter 48-HTQFP -40 to 85 两种器件精密可调并联稳压
|
SIPEX[Sipex Corporation]
|
ASM5I23S05AF-1H-08-TT ASM5I23S09A-1H-16-TR ASM5I23 |
3.3V SpreadTrak Zero Delay Buffer 23S SERIES, PLL BASED CLOCK DRIVER, 4 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 PWR SUP 55W 12-15V,5A/4A OUT 23S SERIES, PLL BASED CLOCK DRIVER, 4 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 LM4128 SOT-23 Precision Micropower Series Voltage Reference; Package: SOT-23; No of Pins: 5 23S SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 LM4051 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 23S SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 LM4050 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 23S SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 3.3V SpreadTrak Zero Delay Buffer 23S SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 RES,Wirewound,10KOhms,5 /-% Tol RoHS Compliant: No PWR SUP QUAD OUTPUT 5,12,-12,24V PWR SUP 40W 12V, 3.4A OUTPUT LM4125 Precision Micropower Low Dropout Voltage Reference; Package: SOT-23; No of Pins: 5 PWR SUP QUAD OUTPUT 3.3,5,12,-12
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation
|
LMP7300 LMP7300MA LMP7300MAX LMP7300MM |
Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
|
http://
|
TL432 TL432C TL432A TL432-A TL432-ASF TL432-C TL43 |
Low Voltage(1.24V) Adjustable Precision Shunt Regulator 低电压(两种器件)可调精密并联稳压器 Low Voltage(1.24V) Adjustable Precision Shunt Regulator
|
HTC Korea TAEJIN Techno... HTC[HTC Korea TAEJIN Technology Co.] TAEJIN Technology Co., Ltd.
|
LT1782 LT2178A LT1175-5 LTC2402 LTC1966 LTC196611 |
Precision Micropower RMS-to-DC Converter Precision Micropower, Delta Sigma RMS-to-DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C RMS TO DC CONVERTER, PDSO8
|
LINEAR TECHNOLOGY CORP
|
LT2078AIS8 LT2078ACS8 |
Micropower/ Dual and Quad/ Single Supply/ Precision Op Amps Micropower, Dual and Quad, Single Supply, Precision Op Amps DUAL OP-AMP, 330 uV OFFSET-MAX, 0.2 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
AD1580BRTZ-R2 AD1580ARTZ-REEL7 AD1580BKSZ-REEL7 AD |
1.2 V Micropower, Precision 1.2 V Micropower, Precision Shunt Voltage Reference 1.2 V Micropower, Precision Shunt Voltage Reference
|
Analog Devices
|
AZ431LAZTR-E1 AZ431LARTR AZ431LBNTR-E1 AZ431L_07 A |
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
|
http:// BCDSEMI BCD Semiconductor Manufacturing Limited
|
AT431 AT431Z AT431-GRE AT431UN |
1.24V low-Voltage Adjustable Precision Shunt Regulator
|
Aimtron Technology Corp. AIMTRON[Aimtron Technology]
|