PART |
Description |
Maker |
SCN2661 SCN2661AC1A28 SCN2661AC1N28 SCN2661BA1F28 |
(SCN2661 / SCN68661) Enhanced programmable communications interface EPCI Enhanced programmable communications interface EPCI 1 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, PQCC28 Enhanced programmable communications interface EPCI 1 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, PDIP28 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination 1 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, CDIP28
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
SCD248110QCD |
Programmable Four-Channel Communications Controller 4 CHANNEL(S), 230.4K bps, SERIAL COMM CONTROLLER, PQFP100
|
KOA Speer Electronics,Inc.
|
D8253C-2 N82530-6 82530 82530-6 |
SERIAL COMMUNICATIONS CONTROLLER (SCC) IC,COMMUNICATIONS CONTROLLER,MOS,DIP,40PIN
|
INTEL[Intel Corporation]
|
SCN2652 SCN2652AC2N40 SCN68652 SCN68652AC2A44 SCN2 |
Multi-protocol communications controller (MPCC) HEATSINK TO-220 W/SHURLOCK-CLIP 1 CHANNEL(S), 2M bps, MULTI PROTOCOL CONTROLLER, CDIP40 Multi-protocol communications controller MPCC 1 CHANNEL(S), 2M bps, MULTI PROTOCOL CONTROLLER, PQCC44 Multi-protocol communications controller MPCC 1 CHANNEL(S), 2M bps, MULTI PROTOCOL CONTROLLER, PDIP40 Multi-protocol communications controller MPCC 多协议通信控制器茂 (SCN2652 / SCN68652) Multi-protocol communications controller MPCC
|
NXP Semiconductors N.V. Philips Semiconductors
|
UPB1513TU-E2-A UPB1513TU UPB1513TU-E2 |
FOR SATELLITE COMMUNICATIONS DIVIDE BY 4 PRESCALER IC FOR SATELLITE COMMUNICATIONS
|
ETC[ETC]
|
STR710F STR711FR2T6 STR710FZ2T6 STR711FR0T6 STR712 |
ARM7TDMI⑩ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI⒙ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES 144/64-pin ARM7TDMI MCU with up to 256KB FLASH, 64KB RAM and EMI
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MPC8555E MPC8555EPXAJD MPC8555EPXAJE MPC8555EPXAJF |
PowerQUICC垄芒 III Integrated Communications Processor Hardware Specifications PowerQUICC⑩ III Integrated Communications Processor Hardware Specifications PowerQUICC III Integrated Communications Processor Hardware Specifications
|
FREESCALE[Freescale Semiconductor, Inc]
|
AM81720-012 2755 |
COMMUNICATIONS APPLICATIONS RF & MICROWAVE TRANSISTORS RF & MICROWAVE TRANSISTORS COMMUNICATIONS APPLICATIONS From old datasheet system
|
SGS Thomson Microelectronics STMicroelectronics
|
MC14536BDWR2G MC14536BFELG |
Programmable Timer 1 TIMER(S), PROGRAMMABLE TIMER, PDSO16 Programmable Timer 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, PDSO16
|
Rectron Semiconductor
|
SC68C562_2 SC68C562 SC68C562C1 SC68C562C1N SC68C56 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 50 psi, Absolute, flush mount with flange, 10 Vdc excitation 2 CHANNEL(S), 8M bps, MULTI PROTOCOL CONTROLLER, PQCC52 CMOS dual universal serial communications controller (CDUSCC)(CMOS 双通用串行通信控制CDUSCC)) CMOS dual universal serial communications controller CDUSCC From old datasheet system
|
NXP Semiconductors N.V. Philips Semiconductors
|
ATATMEGA3250PA ATATMEGA325A ATATMEGA325PA ATATMEGA |
8-bit Atmel Microcontroller with 16/32/64K Bytes In-System Programmable Programmable
|
ATMEL Corporation
|
LC5256MC LC5256MC-4F256C LC5256MC-5F256C LC5256MC- |
3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD⑩ Family
|
LATTICE[Lattice Semiconductor]
|