PART |
Description |
Maker |
DS2807 |
Pressure Sensit HPS-A Series Active mV Output Pressure Transducer
|
TT Electronics.
|
SC4041ASK SC4041DS SC4041CZ SC4041EZ SC4041 SC4041 |
PRECISION SHUNT VOLTAGE REFERENCE Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 300 psi, Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 300 psi, Gage, 1/4-18 NPT, 10 Vdc excitation 精密并联型电压基
|
SEMTECH[Semtech Corporation] Semtech, Corp.
|
PIC16F76TI_PT PIC16F74TI_SO PIC16LF76I_L PIC16LF76 |
28/40-Pin 8-Bit CMOS FLASH Microcontrollers 28/40-Pin 8位CMOS闪存微控制器 28/40-pin, 8-bit CMOS FLASH Microcontrollers 28/40-pin位CMOS闪存微控制器 BBG ECL GATE OR/NOR DUAL; Package: 20 LEAD PLLC; No of Pins: 20; Container: Rail; Qty per Container: 46 28/40-pin / 8-bit CMOS FLASH Microcontrollers Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 3 psi, Gage, 1/4-18 NPT, 10 Vdc excitation Triple 2-Input XOR/XNOR Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 3 psi, Gage, flush mount, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 3 psi, Gage, Cell with body o-ring, 10 Vdc excitation Triple 4-3-3-Input NOR Gate; Package: PDIP-16; No of Pins: 16; Container: Rail; Qty per Container: 25 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 3 psi, Gage, flush mount with flange, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 3 psi, Gage, 7/16 UNF, 10 Vdc excitation BBG ECL GATE OR/NOR DUAL; Package: 20 LEAD PLLC; No of Pins: 20; Container: Tape and Reel; Qty per Container: 500 28/40-Pin 8-Bit CMOS FLASH Microcontrollers
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
SC6122 SC6122-001 SC6122-002 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Vacuum Gage, flush mount with flange, 10 Vdc excitation INFRARED REMOTE CONTROL TRANSMITTER
|
???澹???靛??????? ETC SILAN[Silan Microelectronics Joint-stock]
|
LN377GCPX LN477YCPX LN277RCPX |
Round Type Force/Pressure transducer; Compensated; Pressure Range: 0 to 25 psi T-1 SINGLE COLOR LED, GREEN, 3 mm
|
PANASONIC[Panasonic Semiconductor] Panasonic, Corp.
|
UPD78F9177YGB-8ES UPD78F9177GB-8ES |
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8位微控制器与2/4/8K字节在系统可编程闪存 Force/Pressure transducer; Compensated; Pressure Range: 0 to 15 psi 8位单片机
|
NEC, Corp. NEC Corp.
|
162PC01D |
LOW PRESSURE TRANSDUCER
|
Honeywell Solid State Electronics Center
|
U5200 |
Industrial Pressure Transducer
|
TE Connectivity Ltd
|
ST1510 ST1510-500T-000 ST1510-500A-000 ST1510-500G |
0-5 Vdc FLUSH DIAPHRAGM PRESSURE TRANSDUCER
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] N.A.
|
IPSUAT-C0446-5 IPSUAT-GP030-5 IPSUAT-GP5K8-5 |
Intrinsically Safe Pressure Transducer Intrinsically Safe Pressure Transducer
|
Cynergy3 Co
|
MSP600-3-B-3-N-1 MSP600-3-B-3-N-4 MSP600-3-B-5-N-1 |
NEW HIGH ACCURACY, DIGITALLY COMPENSATED EMI/RFI PROTECTED STAINLESS STEEL ISOLATED PRESSURE TRANSDUCER 新的高精度,数字补偿的EMI / RFI保护不锈钢隔离式压力传感
|
Electronic Theatre Controls, Inc.
|