PART |
Description |
Maker |
NID5003NT4G |
Self-Protected FET with Temperature and Current Limit
|
ON Semiconductor
|
NIF5003NT1 NIF5003NT1G NIF5003NT3 NIF5003NT3G NIF5 |
Self−Protected FET with Temperature and Current Limit
|
ONSEMI[ON Semiconductor]
|
NIF5003N |
Self-Protected FET with Temperature and Current Limit(带温度和电流限制的自保护FET)
|
ON Semiconductor
|
NIF5002N06 NIF5002NT3G NIF5002N NIF5002NT1 NIF5002 |
Self−Protected FET with Temperature and Current Limit
|
ONSEMI[ON Semiconductor]
|
MAX3000 MAX3000E MAX3000EEUP MAX3001EAUP MAX3001EE |
1.2V to 5.5V, /-15kV ESD-protected, 0.1mA, 35Mbp, 8-channel level translator 1.2V to 5.5V, 15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1µA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V 15kV ESD-Protected 0.1UA 35Mbps 8-Channel Level Translators RES 2.55K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA Fixed-Point Digital Signal Processor 532-FCBGA 6 Pin, DIP, Phototransistor Detector w/ Base, CTR 30 min @ 1mA, 5V Optocoupler 1.2V to 5.5V, 5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V5.5Vamp;plusmn;15kV ESD保护.1µA5Mbps通道电平转换 1.2V to 5.5V, ??5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
NID5004NT4G |
Self−Protected FET with Temperature and Current Limit 44 V, 0.13 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Rectron Semiconductor
|
NIF62514T1G |
Self−protected FET with Temperature and Current Limit 6 A, 42 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA
|
ON Semiconductor
|
MAX3441EASA MAX3443EASA MAX3443EAPA MAX3440EAPA MA |
5kV ESD-Protected, 0V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers LINE TRANSCEIVER, PDIP8 ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MAX3008EBP-T MAX3003EBP-T MAX3003ETP MAX3003EUP MA |
SPECIALTY INTERFACE CIRCUIT, QCC20 1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 卤15kV ESD-Protected, 0.1渭A, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 隆戮15kV ESD-Protected, 0.1楼矛A, 35Mbps, 8-Channel Level Translators
|
MAXIM INTEGRATED PRODUCTS INC
|
STL5NK65Z L5NK65Z |
N-CHANNEL 650V - 1.5ohm - 4.2A PowerFLAT Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 650V 1.5 OHM 4.2A POWERFLAT ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 650V - 1.5ohm - 4.2A PowerFLAT Zener-Protected SuperMESHPower MOSFET N-CHANNEL 650V - 1.5ohm - 4.2A PowerFLAT⑩ Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 650V - 1.5ohm - 4.2A PowerFLATZener-Protected SuperMESH⑩Power MOSFET N沟道650V - 1.5ohm - 4.2A的PowerFLAT⑩齐保护SuperMESH⑩功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
|