PART |
Description |
Maker |
MB84VD22193EC MB84VD22193EC-90 MB84VD22193EC-90-PB |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM 32M的(x 8/x16)闪 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA73 Trimmer; Series:3262; Track Resistance:5kohm; Resistance Tolerance: 10%; Power Rating:0.25W; Operating Temperature Range:-65 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm; Adjustment Type:Top RoHS Compliant: Yes CONN, M HEADER ST 1X2 .230 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
MB84VD22281EA-90-PBS MB84VD22282EA-90-PBS MB84VD22 |
Stacked MCP (multi-chip package) flash memory & SRAM 32M(x8/x16) flash memory & 8M(x8/x16) static RAM 32M (x 8/x16) FLASH MEMORY & 8M (x 8/x16) STATIC RAM
|
Fujitsu Microelectronics
|
MB84VD22181EH-90-PBS MB84VD22182EH-90-PBS MB84VD22 |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM Stacked MCP (multi-chip package) flash memory & SRAM 32M(x8/x16) flash memory & 4M(x8/x16) static RAM
|
Fujitsu Microelectronics
|
MB84VD22081EA-90-PBS MB84VD22082EA-90-PBS MB84VD22 |
32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
|
FUJITSU[Fujitsu Media Devices Limited]
|
LH28F320BFHG-PBTLZL |
32M (x16) Flash Memory
|
Sharp Electrionic Components
|
LH28F320BFB-PTTL60 |
32M (x16) Flash Memory
|
Sharp Corporation
|
LH28F320BFB-PBTL60 |
32M (x16) Flash Memory
|
Sharp Corporation
|
LH28F320BFHE-PBTLZ2 |
32M (x16) Flash Memory
|
SHARP[Sharp Electrionic Components]
|
LH28F320BFHE-PBTLZ2 |
32M (x16) Flash Memory
|
Sharp Corporation
|
MB84VD21081-85-PBS MB84VD21081-85-PTS MB84VD21091- |
16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM Stacked MCP (multi-chip package) flash memory & SRAM 16M(x8/x16) flash memory & 2M(x8/x16) static RAM
|
Fujitsu Microelectronics
|
M36W416TG-ZAT M36W416BGZA M36W416BG70ZA1T M36W416B |
16 Mbit 1Mb x16, Boot Block Flash Memory and 4Mbit 256Kb x16 SRAM, Multiple Memory Product
|
ST Microelectronics
|
S70WS512N00BAWA30 S70WS512N000BAWA33 |
32M X 16 FLASH 1.8V PROM, 80 ns, PBGA84 Same-Die Stacked Multi-Chip Product (MCP) 512 Megabit (32M x 16 bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst-mode Flash Memory
|
SPANSION LLC
|