PART |
Description |
Maker |
AT27BV040-15TC AT27BV040-15TI AT27BV040-15JI AT27B |
High Speed CMOS Logic Octal D-Type Flip-Flops with Data Enable 20-TSSOP -55 to 125 4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
AS7C4096A AS7C4096A-20TIN AS7C4096A-10JC AS7C4096A |
SRAM - 5V Fast Asynchronous 5.0V 512K x 8 CMOS SRAM 512K X 8 STANDARD SRAM, 10 ns, PDSO36 High Speed CMOS Logic Quad Buffers with 3-State Outputs 14-PDIP -55 to 125 512K X 8 STANDARD SRAM, 12 ns, PDSO44 High Speed CMOS Logic Quad Buffers with 3-State Outputs 14-SOIC -55 to 125 512K X 8 STANDARD SRAM, 12 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
MX26LV004BQC-55 MX26LV004BTC-55 MX26LV004TTC-70 |
4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 512K X 8 FLASH 3V PROM, 55 ns, PQCC32 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 512K X 8 FLASH 3V PROM, 55 ns, PDSO40 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 512K X 8 FLASH 3V PROM, 70 ns, PDSO40
|
Macronix International Co., Ltd.
|
EUP3595QIR1 EUP3595JIR1 EUP3595 |
512K x 32, 3.3V, MCM, Async CMOS 5.0V, High Speed Static RAM 512K x 32, 5V, MCM, Rad Tol, Async Parallel White-LED Driver
|
德信科技股份有限公司 Eutech Microelectronics Inc
|
EDI9F37512C45MMC EDI9F37512C55MMC |
512K x 37 Static RAM CMOS / High Speed Module
|
ETC
|
IS61WV5128BLL-10KLI-TR IS61WV5128BLL-10BLI IS61WV5 |
512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
|
天津新技术产业园区管理委员会 Integrated Silicon Solution, Inc
|
AT29C512-9 AT29C512-90JU AT29C512-70TC AT29C512-15 |
High Speed CMOS Logic Dual Positive-Edge-Triggered D-Type Flip-Flops with Set and Reset 14-PDIP -55 to 125 64K X 8 FLASH 5V PROM, 90 ns, PDIP32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-SOIC -55 to 125 64K X 8 FLASH 5V PROM, 90 ns, PQCC32 High Speed CMOS Logic Quad 2-Input Exclusive-NOR Gates 14-SOIC -55 to 125 64K X 8 FLASH 5V PROM, 70 ns, PQCC32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-PDIP -55 to 125 64K X 8 FLASH 5V PROM, 70 ns, PQCC32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-SOIC -55 to 125 64K X 8 FLASH 5V PROM, 70 ns, PDIP32 High Speed CMOS Logic Dual Positive-Edge-Triggered D-Type Flip-Flops with Set and Reset 14-SOIC -55 to 125 High Speed CMOS Logic Phase-Locked Loop with VCO and Lock Detector 16-SOIC -55 to 125 512K (64K x 8) 5-volt Only Flash Memory 512K 64K x 8 5-volt Only CMOS Flash Memory
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
BH62UV4000HIG55 BH62UV4000STI55 BH62UV4000DIG55 BH |
Ultra Low Power/High Speed CMOS SRAM 512K X 8 bit
|
Brilliance Semiconductor
|
BH616UV8011AI55 BH616UV8011 BH616UV8011AIP55 |
Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
|
Brilliance Semiconductor
|
MX26LV800ATXEC-70G MX26LV800AB MX26LV800ABTC-55 MX |
8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
|
MCNIX[Macronix International]
|
IS61WV51232BLL-10BI IS61WV51232ALL-20BI IS64WV5123 |
512K x 32 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 512K x 32 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
|
Integrated Silicon Solution, Inc Integrated Silicon Solu...
|
IS61LV5128 IS61LV5128-10T IS61LV5128-12TI IS61LV51 |
ASYNCHRONOUS STATIC RAM, High Speed A.SRAM 512K x 8 HIGH-SPEED CMOS STATIC RAM
|
ICSI[Integrated Circuit Solution Inc]
|