PART |
Description |
Maker |
TDA204012 |
25-watt hi-fi audio power amplifier
|
STMicroelectronics
|
LY8898-13 |
3.2 Watt Audio Power Amplifier
|
Lyontek Inc.
|
ECG1081A |
4.8-WATT AUDIO POWER AMPLIFIER
|
List of Unclassifed Manufacturers ETC[ETC]
|
NCP2990FCT2G NCP2990 |
1.3 Watt Audio Power Amplifier with Fast Turn On Time
|
ONSEMI[ON Semiconductor]
|
AT49LV020 AT49LV020- AT49BV020-12VI AT49BV020 AT49 |
LM4902 ™BOOMER 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode; Package: MINI SOIC; No of Pins: 8 2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory LM4902 BOOMER 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode; Package: MINI SOIC; No of Pins: 8 LM4902 BOOMER 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode; Package: LLP; No of Pins: 8 LM4900 Boomer ® Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode; Package: MINI SOIC; No of Pins: 8 LM4900 Boomer ® Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode; Package: SOIC NARROW; No of Pins: 8 LM431 Adjustable Precision Zener Shunt Regulator; Package: TO-92; No of Pins: 3 LM4431 Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 256K X 8 FLASH 2.7V PROM, 90 ns, PDSO32 LM4903 Boomer ® Audio Power Amplifier Series 1 Watt Audio Power Amplifier; Package: MINI SOIC; No of Pins: 8 256K X 8 FLASH 3V PROM, 90 ns, PDSO32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
MAX6326-22D MAX6326-22W MAX6326-23D MAX6326-23W MA |
3-pin ultra-low power SC70/SOT microprocessor reset circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 BACKSHELL 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 CLAMP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 350-mW Stereo Class-AB Audio Amplifier 8-SOIC CONNECTOR 350-mW Mono Class-AB Audio Amplifier 8-SOIC 9-W Stereo Class-D Audio Power Amplifier with Volume Control (TPA3002) 48-HTQFP -40 to 85 20-W Mono Class-D Audio Power Amplifier (TPA3001) 24-HTSSOP -40 to 85 40-W Mono Class-D Audio Power Amplifier (TPA3106) 32-HLQFP -40 to 85 10-W Stereo Class-D Audio Power Amplifier (TPA3101) 48-VQFN -40 to 85
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors] http://
|
CMM1434-SM-0G0T CMM1434-SM07 |
13.50-14.50 GHz 2.5-Watt Power Amplifier 13500 MHz - 14500 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 13.50-14.50 GHz 2.5-Watt Power Amplifier 13.50-14.50吉赫2.5瓦功率放大器
|
Mimix Broadband, Inc.
|
NCP2892 |
1.3 Watt Audio Power Amplifier with Fast Turn On Time(具有快速接通时间的1.3 W音频功率放大 1.3瓦音频功率放大器具有快速准时(具有快速接通时间的.3 W音频功率放大器转
|
ON Semiconductor
|
CMM1331-KU |
12.7 to 13.5 GHz, 1.5 watt power amplifier 12.70 to 13.50 GHz 1.5 Watt Power Amplifier 12700 MHz - 13500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
CELERITEK Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC
|
BA3518F-T1 BA3528FP-T1 BA3506AFT1 BA3506AFE1 BA350 |
0.031 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO16 SOP-16 0.034 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO28 HSOP-28 0.069 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO18 0.04 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO18 5.4 W, 2 CHANNEL, AUDIO AMPLIFIER, PSFM12 5.2 W, 2 CHANNEL, AUDIO AMPLIFIER, PSFM10
|
Intel, Corp.
|
TDA7498 |
100-watt 100-watt dual BTL class-D audio amplifier
|
STMicroelectronics
|