PART |
Description |
Maker |
HC5503PRCR |
Low Cost SLIC For Large Telecom Switches TELECOM-SLIC, PQCC32
|
Intersil, Corp.
|
HC5517B HC5517BCB HC5517BCM |
Low Cost 3 REN Ringing SLIC for ISDN Modem/TA and WL TELECOM-SLIC, PQCC28
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AG1110 |
LOW COST SLIC
|
List of Unclassifed Manufacturers ETC[ETC]
|
AG1110 |
LOW COST SLIC
|
Silver
|
HC5503CBZ HC5503CBZ96 HC5503CB HC5503 |
Low Cost 24V SLIC For PABX / Key Systems
|
INTERSIL[Intersil Corporation]
|
L8575 |
Dual-Resistive,Low-Cost Subscriber Line Interface Circuit(SLIC)
|
Agere Systems
|
HC5526IP |
ITU CO/PABX SLIC with Low Power Standby TELECOM-SLIC, PDIP22
|
Intersil, Corp.
|
MAX6400-BMAX6405 MAX6400-MAX6405 MAX6405BS__-T MAX |
100MHz Current Feedback Video Amplifier With Disable; Temperature Range: 0°C to 70°C; Package: 8-SOIC 57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier; Temperature Range: -40°C to 85°C; Package: 16-SOIC Low Power UniSLIC14 Family; Temperature Range: -40°C to 85°C; Package: 28-PLCC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 110MHz, High Slew Rate, High Output Current Buffer; Temperature Range: 0°C to 70°C; Package: 8-CerDIP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 Dual 125MHz Video Current Feedback Amplifier; Temperature Range: -40°C to 85°C; Package: 8-PDIP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 3.2 Microsecond Sample and Hold Amplifiers; Temperature Range: 0°C to 70°C; Package: 14-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 Precision Quad Comparators; Temperature Range: 0°C to 70°C; Package: 16-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 1 Microsecond Precision Sample and Hold Amplifier; Temperature Range: 0°C to 70°C; Package: 16-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 Low Power UniSLIC14 Family; Temperature Range: 0°C to 70°C; Package: 28-PLCC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 µP Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 120MHz, Low Power, 8x8 Video Crosspoint Switch; Temperature Range: 0°C to 70°C; Package: 44-PLCC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R 400MHz, 4x1 Video Crosspoint Switch; Temperature Range: 0°C to 70°C; Package: 16-QSOP T&R Low Power UniSLIC14 Family; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 480MHz, Video Buffer with Output Disable; Temperature Range: 0°C to 70°C; Package: 6-SOT-23 T&R 330MHz, 4x1 Video Crosspoint Switch With Tally Outputs; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R 480MHz, Video Buffer with Output Disable; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R Low Cost SLIC For Large Telecom Switches; Temperature Range: 0°C to 70°C; Package: 32-QFN T&R Low Power UniSLIC14 Family; Temperature Range: -40°C to 85°C; Package: 28-PLCC T&R 400MHz, 4x1 Video Crosspoint Switch; Temperature Range: 0°C to 70°C; Package: 14-SOIC T&R Low Cost SLIC For Large Telecom Switches; Temperature Range: 0°C to 70°C; Package: 24-SOIC Low Power UniSLIC14 Family; Temperature Range: -40°C to 85°C; Package: 28-SOIC 480MHz, Video Buffer with Output Disable; Temperature Range: 0°C to 70°C; Package: 8-PDIP TR909 DLC/FLC SLIC With Low Power Standby; Temperature Range: -40°C to 85°C; Package: 28-PLCC μP Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package 渭P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package レP Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package µP Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
|
MAXIM INTEGRATED PRODUCTS INC 电源管理 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD737 AD737AQ AD737BQ AD737JN AD737JR AD737JR-REEL |
Low Cost, Low Power, True RMS-to-DC Converter 622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET Low Cost/ Low Power/ True RMS-to-DC Converter Low Cost, Low Power, True RMS-to-DC Converter RMS TO DC CONVERTER, 0.005 MHz, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
|