PART |
Description |
Maker |
HA-5020_883 FN3541 HA7-5020_883 HA4-5020_883 HA-50 |
100MHz Current Feedback Video Amplifier with Disable 100MHz的电流反馈放大器禁用视频 100MHz Current Feedback Video Amplifier with Disable 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HFA1135 HFA1135EVAL HFA1135IB HFA1135IB96 FN3653 H |
Op Amp, 360MHz, Video, Low Power, Output Limiting, Current Feedback Op Amp, 850MHz, Low Distortion, Video/RF, Current Feedback, SR=2300V/s From old datasheet system 360MHz, Low Power, Video Operational Amplifier with Output Limiting 360MHz,低功耗,视频运算放大器输出的限制 GT 3C 3#16S SKT RECP BOX 1 CHANNEL, VIDEO PREAMPLIFIER, PDSO8 360MHz/ Low Power/ Video Operational Amplifier with Output Limiting
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
EL2003 EL2033CN EL2003CN EL2003CM |
100MHz Video Line Driver VIDEO AMPLIFIER, PDSO20
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HA-2620 HA-2626 HA-2625 |
Op Amp, 100MHz, High Input Impedance, Very Wideband, Uncompensated, Offset=0.5mV Op Amp, 100MHz, High Input Impedance, Very Wideband, Uncompensated, Rad-Hard Op Amp, 100MHz, High Input Impedance, Very Wideband, Uncompensated, Offset=3.0mV
|
Intersil
|
LT1814 LT1813 LT1813HV LT1813DMS8PBF LT1813HVCS8TR |
Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO16 Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 2000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8 Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 2000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8 Quad 3mA, 100MHz, 750V/us Op Amp Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifier Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier
|
Linear Technology, Corp.
|
LT1813HVCS8 LT1813HVIS8 LT1814CGN LT1814IGN LT1813 |
Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8 Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8 Dual/Quad 3mA, 100MHz, 750V/刁 Operational Amplifiers Dual/Quad 3mA, 100MHz, 750V/庐 Operational Amplifiers Dual/Quad 3mA, 100MHz, 750V/? Operational Amplifiers
|
Linear Technology, Corp.
|
AD812 AD812AN AD812AR AD812AR-REEL AD812AR-REEL7 A |
Dual, Current Feedback Low Power Op Amp 2 CHANNEL, VIDEO AMPLIFIER, PDIP8 Dual, Current Feedback Low Power Op Amp 2 CHANNEL, VIDEO AMPLIFIER, PDSO8 Dual/ Current Feedback Low Power Op Amp
|
Analog Devices, Inc. AD[Analog Devices]
|
HA5023 |
Op Amp, Dual 125MHz, Video, Current Feedback
|
Intersil
|
HA5025 HA5025IB HA5025IP FN3591 HA5025EVAL HA5340 |
Triple/ 125MHz Video Amplifier High Speed/ Low Distortion/ Precision Monolithic Sample and Hold Amplifier Quad/ 560MHz/ Low Power/ Video Operational Amplifier Quad/ 125MHz Video Current Feedback Amplifier Quad, 125MHz Video Current Feedback Amplifier Quad 125MHz Video Current Feedback Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|
HA5024 |
Op Amp, Quad 125MHz, Video, Current Feedback, with Output Disable
|
Intersil
|
HFA1130 |
Op Amp, 850MHz, Output Limiting, Low Distortion, Video/RF, Current Feedback
|
Intersil
|
|