PART |
Description |
Maker |
HA-2500/883 |
Precision High Slew Rate Operational Amplifier
|
Intersil Corporation
|
IDT723631 IDT723651 IDT723641 IDT723631L15PQF IDT7 |
Quad, High Slew Rate, Single-Supply, Op Amp 14-SOIC 0 to 70 HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 14-TSSOP 0 to 70 Quad, High Slew Rate, Single-Supply, Op Amp 14-SOIC -40 to 105 CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
|
Integrated Device Technology, Inc.
|
MC33181 MC33181D MC33181P MC34181 MC34184DTB MC331 |
Low Power, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifiers QUAD OP-AMP, 11500 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO14 Low Power, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifiers QUAD OP-AMP, 11000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO14 (MC34182 / MC34184) Low Power / High Slew Rate / Wide Bandwidth / JFET Input Operational Amplifiers Dual Precision Timer 14-PDIP -40 to 85 (MC33181 - MC33184) Low Power / High Slew Rate / Wide Bandwidth / JFET Input Operational Amplifiers
|
http:// Motorola Mobility Holdings, Inc. ON Semiconductor Motorola, Inc.
|
HA2-2525-5 HA3-2525-5 HA7-2525-5 HA9P2525-5 HA2520 |
20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers 0MHz,高压摆率,无偿,高输入阻抗,运算放大器 20MHz/ High Slew Rate/ Uncompensated/ High Input Impedance/ Operational Amplifiers From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HA3-2840-5 HA3-2840-9 HA3B2840-5 HA7-2840-9 HA9P28 |
600MHz Very High Slew Rate Operational Amplifier 600MHz/ Very High Slew Rate Operational Amplifier 600MHz, Very High Slew Rate Operational Amplifier 频率600MHz,压摆率甚高运算放大
|
Harris Semiconductor HARRIS[Harris Corporation] Harris, Corp.
|
HA1-2539-2 HA1-2539-5 HA-2539 HA3-2539-5 FN2896 |
600MHz, Very High Slew Rate Operational Amplifier From old datasheet system 600MHz/ Very High Slew Rate Operational Amplifier 600MHz, Very High Slew Rate
Operational Amplifier(600MHz、高转换速率运算放大
|
INTERSIL[Intersil Corporation]
|
BA4510 BA4510F BA4510FV BA4510F/FV |
Dual high slew rate operational amplifier Standard LSIs Dual High Slew Rate Operational Amplifier(高转换速率双运 双高压摆率运算放大器(高转换速率双运放)
|
ROHM[Rohm] Rohm CO.,LTD. Rohm Co., Ltd.
|
ISL81487L ISL81487LIB-T ISL81487LIBZ-T ISL81487LIB |
5kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 5kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 5kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 5kV的ESD保护 / 8单位负载V,低功耗,高速或摆率限制,RS-485/RS-422收发 【15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HA-2520 HA-2522 HA-2525 |
Op Amp, 20MHz, High Slew Rate, Uncompensated, High Input Impedance, 8mV Max Offset Voltage Op Amp, 20MHz, High Slew Rate, Uncompensated, High Input Impedance, 10mV Max Offset Voltage Op Amp, 20MHz, High Slew Rate, Uncompensated, High Input Impedance, 10mV Offset Voltage Drift
|
Intersil
|
|