PART |
Description |
Maker |
PM7226 PM7226A PM7226AFP PM7226AFR PM7226AR PM7226 |
V(dd): 11.4 to 16.5V; V(ss); -5V -10%; quad 8-bit CMOS D/A converter with oltage output. For automatic test equipment, peocess and industrial control, scientific and medical instrumentation, multichannel microprocessors QUAD 8 BIT CMOS D/A CONVERTERS WITH VOLTAGE OUTPUT
|
AD[Analog Devices]
|
BXB50-24S15FLT BXB50-48S05FLT BXB50-48S3V3FLT BXB5 |
Low voltage CMOS octal bus buffer (3-state inv.) with 5V tolerant inputs DC至DC转换 Low voltage CMOS 16-bit D-type latch (3-state) with 5 V tolerant inputs Low voltage CMOS quad 2 channel multiplexer (3-state) with 5V tolerant inputs Low voltage CMOS dual 4-input NAND gate with 5 V tolerant inputs Low voltage CMOS triple 3-input NOR gate with 5V tolerant inputs Low voltage CMOS dual 2 to 4 decoder/demultiplexer Low voltage CMOS octal bus buffer with 3 state outputs (non inverted) Low voltage quad 2 channel multiplexer with 5V tolerant inputs Low voltage CMOS hex Schmitt inverter with 5V tolerant inputs 33-50W Wide Input DC/DC Converters
|
3M Company ARTESYN[Artesyn Technologies]
|
74AC00MTC 74AC00PC 74AC00SC 74AC00SJ 74ACT00MTC 74 |
CMOS, Quad, 8-Bit DAC with Voltage-Output Amplifier Latches AC SERIES, QUAD 2-INPUT NAND GATE, PDSO14 From old datasheet system
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
AD7836 AD7836AS AD7836ASZ AD7836-15 |
LC MOS Quad 14-Bit DAC Quad 14-Bit CMOS DAC on One Monolithic Chip PARALLEL, WORD INPUT LOADING, 16 us SETTLING TIME, 14-BIT DAC, PQFP44 LC2MOS Quad 14-Bit DAC
|
AD[Analog Devices]
|
JV1210ML220A JV1210ML260A JV1210ML121A JV1210ML450 |
10.0mV Quad CMOS Voltage Comparator w/ Open Drain Driver, 14L SOIC VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity) 10.0mV Quad CMOS Voltage Comparator w/ Open Drain Driver, 14L PDIP 10.0mV Quad CMOS Voltage Comparator w/ Push-Pull Driver, 14L PDIP
|
DB Lectro Inc.
|
MC74LCX02 MC74LCX02D MC74LCX02DT MC74LCX02M MC74LC |
LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE From old datasheet system Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-11 LED AMBER 3-ELEMENT ARRAY
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor] Motorola, Inc.
|
ADG711 ADG711BR ADG711BRU ADG713 ADG713BR ADG713BR |
CMOS Low Voltage 4 ohm Quad SPST Switches ECONOLINE: REC3-S_DRW(Z)/H4,H6 - Safety standards and approval: EN 60950 certified, rated for 250VAV (LVD test report)- Applied for Ul 1950 Component CMOS Low Voltage 2.5 ohms Quad SPST Switch
|
Analog Devices, Inc. AD[Analog Devices]
|
AD5314 AD5324 AD5324BRM AD5304 |
2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-Bit DAC in a 10-Lead MicroSOIC Package 2.5V to 5.5V, 500uA, Quad Rail-to-Rail, Voltage Output 8/10-Bit DACs AD5304/AD5314/AD5324:2.5Vto5.5V.50盗.QuadVoltageOutput8-BitDACina10-Pin..
IC-SM-12-BITQUADDAC
|
Analog Devices
|
AM27X128 AM27X128-120JC AM27X128-120JI AM27X128-12 |
CMOS Quad 2-Input NAND Schmitt Triggers 14-CDIP -55 to 125 16K X 8 OTPROM, 90 ns, PDIP28 CMOS Quad 2-Input NAND Schmitt Triggers 14-SOIC -55 to 125 128千比特(16亩8位)的CMOS ExpressROM装置 CMOS Quad 2-Input NAND Schmitt Triggers 14-SOIC -55 to 125 16K X 8 OTPROM, 150 ns, PDIP28 CAPACITOR .0033UF UV BOX TYPE 16K X 8 OTPROM, 150 ns, PQCC32 CMOS Quad 2-Input NAND Schmitt Triggers 14-TSSOP -55 to 125 128 Kilobit (16 K x 8-Bit) CMOS ExpressROM Device
|
SPANSION LLC PROM Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
28C17A-25/P 28C17A-25/L 28C17A-25I/L 28C17A-25I/P |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 128Kx8 EEPROM 12-Bit DACs with 32-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs 10-Bit Voltage-Output DACs in 8-Pin µMAX Single-Supply 3V/5V, Voltage-Output, Dual, Precision 10-Bit DACs x8的EEPROM
|
Microchip Technology, Inc.
|
DAC8840 DAC8840FP DAC8840FS DAC8840FW DAC8840GBC |
8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC 8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC QUAD, SERIAL INPUT LOADING, 3.5 us SETTLING TIME, 8-BIT DAC, PDIP24 8-Bit Octal/ 4-Quadrant Multiplying/ CMOS TrimDAC 8-Bit Octal 4-Quadrant Multiplying CMOS TrimDAC 8-Bit, Octal, 4-Quadrant Multiplying, CMOS TrimDAC 8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
|
Analog Devices, Inc. AD[Analog Devices]
|