PART |
Description |
Maker |
ALP234FCX |
Low-Temperature Polysilicon 2.5-inch TFT LCD Module
|
Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
ALP237FXX |
Low-Temperature Polysilicon 1.8-inch TFT LCD Module 低温多晶.8英寸TFT液晶显示模块
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
ALP027XXX |
Low-Temperature Polysilicon 0.33-inch TFT LCD Module 低温多晶.33英寸TFT液晶显示模块
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
ENC102D-10A ENC112D-10A ENC820D-10A ENC220D-10B EN |
±15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-QFN Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN STD MOV Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN 性病检验手
|
Central Semiconductor, Corp.
|
AM27C040-120/BUA AM27C040-120/BXA AM27C040-120LIB |
Dual PowerPath Switch Driver; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Single and Dual Protected High Side Switches; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Differential Bus Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C SIM Power Supplyand Level Translator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Single and Dual PCMCIA Protected 3.3V/5V VCC Switches; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Low Power RS485 Transceiver with Receiver Fail-Safe; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Very Low Noise, Low Distortion Active RC Quad Universal Filter; Package: SSOP; No of Pins: 20; Temperature Range: 0°C to 70°C Low Power RS485 Transceiver with Receiver Fail-Safe; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C x8存储 1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C x8存储 x8 EPROM x8存储
|
Samsung Semiconductor Co., Ltd. Advanced Micro Devices, Inc.
|
SUM60N04-12LT |
Temperature Sensing MOSFET,N-Channel 40-V (D-S) Temperature Sensing MOSFET, N-Channel 40-V (D-S) Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????)
|
Vishay Siliconix
|
AD7314 7314 AD7314ARM |
Complete Temperature Monitoring System in an 8-Pin SOIC Package Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead SOIC Low-Voltage 10-Bit Digital Temperature Sensor in 8-Lead uSOIC Low-Voltage/ 10-Bit Digital Temperature Sensor in 8-Lead uSOIC Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
|
AD[Analog Devices]
|
AD73322AST AD73322EB AD73322EZ EVAL-AD73322EZ AD73 |
Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End Low Power 10MHz Current Feedback Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Precision Rail-to-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Low Cost, Low Power CMOS General-Purpose Dual Analog Front End Dual Voiceband Codec; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Industrial SPECIALTY TELECOM CIRCUIT, PDSO28
|
Analog Devices, Inc.
|
424H4B-L1 428L4EX-L1 428H4EX-L1 428H4EX-L7 428L4EX |
Resistor-Programmable SOT Temperature Switches Analog IC Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23 模拟IC
|
Electronic Theatre Controls, Inc.
|
ADTL08207 ADTL082JR ADTL082JR-REEL ADTL082JR-REEL7 |
Low Cost JFET Input Dual Operational Amplifier Low Cost JFET Input Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial Low Cost JFET Input Operational Amplifiers Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Commercial QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADC08068BIJ ADC08064CMJ ADC08068CMJ ADC08064BIJ AD |
Quad Low Power RS485 Driver; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Low Power RS485 Interface Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Differential Driver and Receiver Pair; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C Single-Ended Data Acquisition System 单端数据采集系统
|
NEC, Corp.
|