PART |
Description |
Maker |
AD8661ACPZ-R2 AD8661ACPZ-REEL AD8661ACPZ-REEL7 AD8 |
16 V Precision Quad CMOS Rail - to - Rail Operational Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 1200 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO14 Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
LTC6241HVIDD LTC6242HVIGN |
Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps DUAL OP-AMP, 725 uV OFFSET-MAX, 18 MHz BAND WIDTH, PDSO8 Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
|
Linear Technology, Corp.
|
LTC6087CDD-PBF LTC6087CDD-TRPBF LTC6087CMS8-PBF LT |
Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
|
Linear Technology
|
LTC6079 |
(LTC6078 / LTC6079) Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
|
Linear Technology
|
LTC6082IDD- LTC6082IGN- LTC6082IDD-PBF LTC6082IDD- |
Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
|
Linear Technology
|
LTC6240 LTC6240CS5 LTC6240CS8 LTC6240HS5 LTC6240HS |
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
|
Linear Technology
|
MMBT3904 |
12V, 7MHz, CMOS Rail-to-Rail I/O Quad Operational Amplifier 14-SOIC -40 to 85 Small Signal Transistors (NPN)
|
GE Security, Inc. GE[General Semiconductor]
|
AD8567 AD8567ACP AD8567ARU AD8565AKS AD8566 AD8565 |
16 V Rail-to-Rail Operational Amplifiers QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 16 V Rail-to-Rail Operational Amplifiers 16 V的轨到轨运算放大
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX4511 MAX4511CPE MAX4511CSE MAX4511EPE MAX4511ES |
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches Quad, Rail-to-Rail, Fault-Protected,SPST Analog Switches Quad Rail-to-Rail Fault-Protected SPST Analog Switches Quad / Rail-to-Rail / Fault-Protected / SPST Analog Switches 16-bit fixed point DSP with Flash 100-LQFP -40 to 85
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
KBPC102 KBPC106 KBPC108 KBPC110 KBPC1005 KBPC101 K |
SINGLE PHASE GLASS BRIDGE RECTIFIER Automotive Catalog Advanced LinCMOS Rail-to-Rail Very Low-Power Operational Amplifier 14-TSSOP -40 to 125 Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC
|
http:// CHENYI[Shanghai Lunsure Electronic Tech] 上海朗硕科技有限公司
|
AD8616ARM-R2 AD8616ARMZ1 AD8616ARMZ-REEL1 AD8616AR |
Precision 20 MHz CMOS Dual Rail-to-Rail Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 800 uV OFFSET-MAX, 23 MHz BAND WIDTH, PDSO8 Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
|
Analog Devices, Inc.
|