PART |
Description |
Maker |
HUFA76407D3ST HUFA76407D3 HUFA76407D3S |
11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs 11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFETPower MOSFETs 11A/ 60V/ 0.107 Ohm/ N-Channel/ Logic Level UltraFET Power MOSFETs TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 11A I(D) | TO-252AA 12 A, 60 V, 0.092 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
Fairchild Semiconductor, Corp.
|
93LC86I/SN |
8K/16K 5.0V Microwire Serial EEPROM(107.41 k) 8K/16K 5.0V Microwire串行EEPROM的(107.41十一
|
Microchip Technology, Inc.
|
AK4393 AK4393VM AK439312 |
Advanced Multi-Bit 96kHz 24-Bit ΔΣ DAC
|
Asahi Kasei Microsystems
|
AK4393 AK4393VF AKD4393 |
Advanced Multi-Bit 96kHz 24-Bit ## DAC ADVANCED MULTI-BIT 96KHZ 24-BIT DAC
|
AKM[Asahi Kasei Microsystems]
|
HUF76407D3 HUF76407D3S HUF76407D3ST |
11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 11A,60V, 0.107 Ohm, N-Channe, Logic Level UltraFET Power MOSFET
|
Fairchild Semiconductor
|
AD1838AASZ-REEL EVAL-AD1838AEB AD1838A AD1838AAS A |
2 ADC, 6 DAC, 96KHZ 24 BIT CODEC 2 ADC 6 DAC 96KHZ 24 BIT CODEC
|
AD[Analog Devices]
|
AK434410 AKD4344 |
100dB 96kHz 24-Bit Stereo 3.3V ΔΣ DAC
|
Asahi Kasei Microsystems Asahi Kasei Microsystem...
|
AK434510 AKD4345 |
100dB 96kHz 24-Bit Stereo 3.3V ΔΣ DAC with DIT
|
Asahi Kasei Microsystems Asahi Kasei Microsystem...
|
WM8720 WM8720EDS |
24-bit/ 96kHz Stereo DACwith Volume Control 24-bit, 96kHz Stereo DACwith Volume Control
|
WOLFSON[Wolfson Microelectronics plc]
|
AK4122 |
24-bit, 96kHz sample rate converter with digital audio receiver
|
AKM
|