PART |
Description |
Maker |
STG3699B STG3699BVTR |
Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
|
STMICROELECTRONICS[STMicroelectronics]
|
STB6NC80 STB6NC80Z STB6NC80Z-1 STP6NC80ZFP STP6NC8 |
N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/D?PAK/I?PAK Zener-Protected PowerMESH⑩III MOSFET N沟道800V 1.5ohm - 5.4A TO-220/FP/D?巴基斯我?巴基斯坦齐保护的PowerMESH⑩三MOSFET 5.4 A, 800 V, 1.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
意法半导 STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
MC74LCX258DG MC74LCX32DR2 MC74LCX3205 MC74LCX374DR |
Low-Voltage CMOS Octal Buffer Flow Through Pinout; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LVC/LCX/Z SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting)
|
ONSEMI[ON Semiconductor]
|
ADG742 ADG742BKS ADG741BKS ADG741 ADG741BKS-REEL A |
CMOS Low Voltage SPST (NC) Switch in SC-70 Package CMOS Low Voltage SPST (NO) Switch in SC-70 Package From old datasheet system CMOS Low Voltage 2ohm SPST Switches in SC70 Packages
|
AD[Analog Devices]
|
STG3684QTR STG3684 |
LOW VOLTAGE 0.5 OHM MAX DUAL SPD SWITCH WITH BREAK BEFORE MAKE FEATURE LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MAX4518 MAX4518CEE MAX4518CPD MAX4518CSD MAX4518EE |
Precision, 4-Channel/Dual 2-Channel, Low-Voltage, CMOS Analog Multiplexers 4-CHANNEL, SGL ENDED MULTIPLEXER, PDSO14 Precision, 4-Channel/Dual 2-Channel, Low-Voltage, CMOS Analog Multiplexers 4-CHANNEL, SGL ENDED MULTIPLEXER, PDSO16 32-Bit Digital Signal Controller with RAM 179-BGA MICROSTAR Precision, 4-Channel/Dual 2-Channel,Low-Voltage, CMOS Analog Multiplexers Precision 4-Channel/Dual 2-Channel Low-Voltage CMOS Analog Multiplexers From old datasheet system
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
KM68V1000BLE_LE-L KM68U1000BLE_LE-L KM68U1000BLG-1 |
CONNECTOR ACCESSORY 连接器附 128K X 8bit Low Power and Low Voltage CMOS Statinc RAM 128K的8位低功耗和低电压的CMOS Statinc内存 (KM68V1000B / KM68U1000B) 128K X 8bit Low Power and Low Voltage CMOS Statinc RAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
MAX4646EUK-T MAX4646EUA MAX4646EUT-T MAX4645 MAX46 |
Fast.Low-Voltage.2.5<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.SPST.CMOS Analog Switches Low-Voltage, 2.5, Spst, CMOS Analog Switches
|
Maxim Integrated Products, Inc.
|
MCP1701T-3 MCP1701 MCP1701T-33021_CB MCP1701T-3302 |
2uA Low Dropoout Positive Voltage Refulator The MCP1701 is a CMOS low dropout positive voltage regulator with a maximum input voltage of 10V that can source up to 250mA with ...
|
MICROCHIP[Microchip Technology]
|
BXA40-48SS2V9SM-SM BXA40-48S3V3SM-SM BXA40-24S3V3S |
Low voltage CMOS 16-bit bus transceiver with 5V tolerant inputs and output (3-state) Low volt. CMOS octal bus transceiver/register with 5 volt tolerant inputs and outputs (3-state) Octal D-type flip-flop high performance Low voltage CMOS quad 2-input OR gate high performance Low voltage CMOS dual D-type flip flop with 5 V tolerant inputs Low voltage CMOS quad exclusive OR gate high performance 模拟IC Analog IC 模拟IC Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs 模拟IC
|
Electronic Theatre Controls, Inc. Amphenol, Corp.
|