PART |
Description |
Maker |
GBPC3510 GBPC35005 GBPC3501 GBPC3502 GBPC3504 GBPC |
Dual General-Purpose Operational Amplifier 8-SO 0 to 70 ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀 SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
|
Shanghai Sunrise Electronics Co., LTD. SSE[Shanghai Sunrise Electronics]
|
REC2.2-2405SU REC2.2-2405DU REC22-33SU REC2.2-3.31 |
2.2W DC/DC converter with 5V input, -15V/ -75mA output MICRO 31 SKT 18" RBW JACKS ECONOLINE -直流/直流转换 MICRO 31 SKT 18" RBW JACKP ECONOLINE -直流/直流转换 ECONOLINE - DC/DC -CONVERTER ECONOLINE -直流/直流转换
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
2SC3380 |
Silicon NPN Triple Diffused ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
RX-2405S RX-05S RY1212S RX2409S |
LKG PLUG, VARILOAD, 4P5W, 30A 600V RoHS Compliant: Yes ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER 1W DC/DC converter with 24V input, 5V/180mA output
|
RECOM Electronic GmbH RECOM Power Inc. Recom International Power
|
REC3-2415RW REC3-4812RW REC3-4805RW REC3-4809RW RE |
ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 3W DC/DC converter with 68V input, -12V/ -125mA output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
2SC3552 |
ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀 Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)
|
Hitachi,Ltd. WINGS[Wing Shing Computer Components]
|
TA8044AF |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 3.3 / 5V的双电压调节器,带有看门狗定时器 3.3V / 5V DUAL-VOLTAGE REGULATOR WITH WATCHDOG TIMER
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
RSS-093.3 RSS050P03 RSS100N03 RSS130N03 RSS065N03 |
Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:25-20 Switching (30V / 5.0A) Switching (30V / 10A) Switching (30V / 13A) Switching (30V / 6.5A) Switching (30V / 9A) ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉
|
RECOM Power Inc. Rohm RECOM Electronic GmbH
|
2N3907 AD821 2N6092 2N6090 2N6443 2N6444 2N6446 2N |
ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 SILICON DUAL DIFFERNTIAL AMPLIFIER TRANSISTORS
|
Electronic Theatre Controls, Inc. ETC[ETC]
|
AD233 AD230 AD241 AD236 AD234 AD237 AD231 AD238 AD |
ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 5 V Powered CMOS RS-232 Drivers/Receivers
|
Analog Devices, Inc. AD[Analog Devices]
|
BDW93B BDW93 BDW93A BDW93C |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% NPN SILICON POWER DARLINGTONS
|
Power Innovations International, Inc. POINN[Power Innovations Limited] Power Innovations Ltd
|