PART |
Description |
Maker |
SI4488DY-T1-E3 |
TRANSISTOR 3500 mA, 150 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal Trans MOSFET N-CH 150V 3.5A 8-Pin SOIC N
|
Vishay Siliconix
|
IRFD320 IRFD320PBF |
TRANSISTOR 490 mA, 400 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, HVMDIP-4, FET General Purpose Small Signal Trans MOSFET N-CH 400V 0.49A 4-Pin HVMDIP
|
Vishay Siliconix
|
2SK3991-ZK-E1-AZ 2SK3991-ZK-E2 2SK3991-AZ |
30000 mA, 25 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-252AA LEAD FREE, TO-252, MP-3ZK, 3 PIN 30000 mA, 25 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-251AA
|
NEC, Corp.
|
2SK1228TMG MA3027-LH MA3027TSK MA3150-LTMG MA3360- |
100 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 2.7 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 0.1 A, SILICON, SIGNAL DIODE SILICON, PIN DIODE UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.035 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
PANASONIC CORP
|
BS170 BS170RL1 BS170RLRA BS170RLRM BS170RLRP BS170 |
Small Signal MOSFET 500 mAmps, 60 Volts Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
|
ONSEMI[ON Semiconductor]
|
NTR2101P NTR2101PT1 |
Small Signal MOSFET 8.0V, 3.7A, Single P Channel, SOT23(8.0V, 3.7A双功率MOSFET) 小信号MOSFET 8.0V.7A,单P通道,SOT23封装8.0V.7A双功率MOSFET的) Small Signal MOSFET -8 V, -3.7 A, Single P-Channel, SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 3700 mA, 8 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB
|
ON Semiconductor
|
BSS192P |
Low Voltage MOSFETs - Small Signal MOSFET, -250V, SOT-89, RDSon = 12 SIPMOS Small-Signal-Transistor OptiMOS -P Small-Signal-Transistor
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
SI2301ADS-T1 SI2301ADS-T1-E3 |
1750 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 TO-236, 3 PIN 1750 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 LEAD FREE PACKAGE-3
|
Vishay Intertechnology, Inc.
|
VN0808LSTR |
330 mA, 80 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 TO-92S, 3 PIN
|
Vishay Intertechnology, Inc.
|
BSS119 Q67000-S007 Q67000-S063 |
SIPMOS Small-Signal Transistor (N channel Enhancement mode) 170 mA, 100 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor SIPMOS ? Small-Signal Transistor From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
2SK3991-ZK 2SK3991 2SK3991-ZK-E1-AZ |
30000 mA, 25 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-252AA LEAD FREE, TO-252, MP-3ZK, 3 PIN SWITCHING N-CHANNEL POWER MOSFET
|
NEC
|
2N2904 JANTX2N2905A JAN2N2904 JAN2N2905 2N2904A 2N |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 PNP Transistor PNP SWITCHING SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 3 Pin 1.5A Fixed 12V Positive Voltage Regulator 3-TO-220 0 to 125 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
MICROSEMI CORP-LAWRENCE http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
|