PART |
Description |
Maker |
UDA1350AH |
IEC 958 audio DAC
|
Philips
|
UDA1352TS UDA1352TS_2 |
48 kHz IEC 60958 audio DAC From old datasheet system
|
PHILIPS[Philips Semiconductors]
|
UDA1350ATS |
IEC 60958 audio DAC
|
Philips
|
AD1835A AD1835AAS-REEL AD1835AASZ AD1835AASZ-REEL |
2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs 2 ADC, 8 DAC, 96 kHz, 24-Bit Sigma Delta Codec
|
Analog Devices
|
CS8415A-CSR CS8415A-CSZ CS8415A-CSZR CS8415A-CZR C |
96 kHz Digital Audio Interface Receiver Transmitters/Receivers/Transceivers IC 96 kHz Digital Audio Intrfc Receivr SPECIALTY CONSUMER CIRCUIT, PDSO28
|
CIRRUS LOGIC INC
|
CS43L21-DNZR |
Converters - Digital to Analog (DAC) CS43L21-DNZ MS Audio Portable part. SERIAL INPUT LOADING, 24-BIT DAC, QCC32
|
Cirrus Logic, Inc.
|
DAC3550A |
DAC 3550A STEREO AUDIO DAC
|
Micronas Analog Devices ETC
|
EE2-5NU EE2-12NUX-R EE2-12NUX-L EE2-12NUX EE2-12NU |
POWER/SIGNAL RELAY, DPDT, LATCHED, 12VDC (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type Compact and lightweight High breakdown voltage Surface mounting type Replaced by PCM1602A : 105dB SNR 6-Channel Audio DAC 48-LQFP OSC 5V SMT PLAS 14X9 CMOS 105dB SNR 8-Channel Audio DAC 28-SSOP/QSOP -25 to 70 Replaced by PCM1754 : 97dB SNR Stereo DAC 14-SOIC Replaced by PCM1609A : 105dB SNR 8-Channel Audio DAC 48-LQFP 105dB SNR 8-Channel Audio DAC 48-LQFP -25 to 85 Serial Interrupt Stream Deserializer 48-LQFP Compact and lightweight, High breakdown voltage, Surface mounting type 小巧轻盈,击穿电压高,表面安装型 Replaced by PCM1798 : 106dB SNR Stereo DAC 28-SSOP 小巧轻盈,击穿电压高,表面安装型 Compact and lightweight/ High breakdown voltage/ Surface mounting type
|
NEC TOKIN CORP NEC[NEC] NEC Corp. NEC, Corp.
|
CS4392-KZ CS4392-KS |
24-Bit, 192 kHz Stereo DAC with Volume Control Unshielded Power Supply Cord; Connector Type A:NEMA 5-15P; Connector Type B:IEC320-C13; Cable Length:7.5ft; Color:Black; Cord Category:16/3 SJT; Current Rating:13A; No. Strands x Strand Size:41 x 34; Power Rating:1625W 24-Bit / 192 kHz Stereo DAC with Volume Control
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|
AD1839AASZ-REEL1 AD1839AAS-REEL AD1839AASZ1 AD1839 |
2 ADC, 6 DAC, 96 kHz, 24-Bit Sigma-Delta Codec 2的ADC DAC的,96千赫4位Δ编解码器 2 ADC, 6 DAC, 96 kHz, 24-Bit Sigma-Delta Codec
|
Analog Devices, Inc.
|