PART |
Description |
Maker |
MC33680FTB MC33680 MC33680FTBR2 MC33680-D |
Dual DC-DC Regulator for Electronic Organizer Dual DC-DC Regulator for PDA From old datasheet system
|
ONSEMI[ON Semiconductor]
|
IRU1260 IRU1260CM IRU1260CP IRU1260CT IRU1260CMTR |
Dual 1A and 6A Adj LDO Linear Regulator in a ULTRA THIN-PAK 7-Leads package Dual 1A and 6A Adj LDO Linear Regulator in a TO-263 7-Leads package DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
IRF[International Rectifier]
|
SI-3003KWM |
1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, SSO5 SI-3003KWM 1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator 1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
|
Sanken Electric Co., Ltd. Allegro MicroSystems
|
CAT6221 CAT6221-JFTD-G CAT6221-JGTD-G CAT6221-JLTD |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6 0.80 MM HEIGHT, ROHS COMPLIANT, MO-193, TSOT-23, 6 PIN 300mA CMOS Dual LDO Regulator
|
飞思卡尔半导体(中国)有限公司 ON Semiconductor Catalyst Semiconductor
|
MAX1970-MAX1972 MAX1970EEE MAX1971 MAX1971EEE MAX1 |
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO Fixed-Point Digital Signal Processor 532-FCBGA 0.75 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO16 Dual, 180Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO 双路80°异相.4MHz50mA、降压型调节器,带有POR和RSI/PFO Dual / 180 Out-of-Phase / 1.4MHz / 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180??Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
http:// Maxim Integrated Products, Inc.
|
MAX8559EBAAAT MAX8559ETAJJ MAX8559ETA11T |
Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PBGA8 Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO8
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
LTC3548-1 LTC3548EDD-1-PBF LTC3548EDD-1-TRPBF LTC3 |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
LTM4619 LTM4619EVPBF LTM4619IVPBF LTM4619EV LTM461 |
Dual, 26VIN, 4A DC/DC 楼矛Module Regulator Dual, 26VIN, 4A DC/DC μModule Regulator
|
Linear Technology
|
LP3907 |
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
|
Intersil Corporation
|
MAX15022ATI |
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
|
Maxim Integrated Produc...
|
MAX15022 MAX15022ATI |
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
|
Maxim Integrated Products
|
MAX15022ATI MAX15022ATI/V MAX1502211 |
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
|
http:// Maxim Integrated Products Maxim Integrated Produc...
|