PART |
Description |
Maker |
MAX97000 MAX97000EWA |
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
|
Maxim Integrated Products
|
MPR7000 |
EPC Class 0/1 and 0 in PCMCIA Type II Pkg. 的EPC Class 0 / 1和II型PCMCIA包装0
|
Electronic Theatre Controls, Inc.
|
APA2606NAI-TRG |
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
|
Anpec Electronics Corop...
|
PAM8009 |
3W STEREO CLASS-D Audio Amplifier and Class AB Headphone Driver (DC VOLUME, UVP and AGC Function)
|
Diodes Incorporated
|
CA14323 |
IESNA Type ll (medium) beam, applicable for European P-class standard pedestrian lighting and M-class roads
|
Ledil, Inc.
|
TDA8932BT TDA8932B TDA8932BTW TDA8932BTW/N2518 TDA |
Class-D audio amplifier Class-D audio amplifier; Package: SOT549-1 (HTSSOP32); Container: Reel Dry Pack, SMD, 13" Class-D audio amplifier
|
NXP Semiconductors
|
WYO472MCMCRAKR WYO472MCMCRBKR WYO472MCMSDFKR |
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
|
Vishay Siliconix
|
NT7603BDB-01 NT7603BDW-01 NT7603BDT-01 ELECTRONICT |
Class D Audio Amplifier, SOT549-1 (HTSSOP32), Reel Dry Pack, SMD, 13" 2 x 150 W class-D power amplifier, SOT566-3 (HSOP24), Reel Pack, SMD, 13" 2 x 110 W class-D power amplifer, SOT566-3 (HSOP24), Reel Pack, SMD, 13" 2 x 150 W class-D power amplifier, SOT411-1 (DBS23P), Tube 单芯6Cx2L点阵LCD控制驱动
|
Electronic Theatre Controls, Inc.
|
VY1102M35Y5UG63V0 VY1222M47Y5UQ6 VY1222M47Y5UQ6UV0 |
AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC VY1 X760Y500VAC 2,2NF 20% Y5U BULK E3 - Bulk AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
|
Vishay Siliconix Vishay BCcomponents
|
2224-6L |
2000-2400 MHz, Class C, Common Base; fO (MHz): 2400; P(out) (W): 6; P(in) (W): 1.2; Gain (dB): 7; Vcc (V): 22; Case Style: 55LV-1 S BAND, Si, NPN, RF POWER TRANSISTOR 3.3V EconoReset 6 Watts, 22 Volts, Class C Microwave 2200-2400 MHz
|
Microsemi, Corp. GHZTECH[GHz Technology]
|
PHE820 PHE820MR7220MR06L2 PHE820E PHE820EB5100MR17 |
EMI suppressor, class X2, metallized polyester 0.01 - 2.2 uF, 275/300 VAC, 100?/a> EMI suppressor, class X2, metallized polyester 0.01 - 2.2 uF, 275/300 VAC, 100??/a> EMI suppressor, class X2, metallized polyester 0.01 - 2.2 uF, 275/300 VAC, 100∩ EMI suppressor, class X2, metallized polyester 0.01 - 2.2 uF, 275/300 VAC
| -
|
List of Unclassifed Manufacturers ETC[ETC] N.A.
|