PART |
Description |
Maker |
RT-1.80505 RT-XX1515 RT-XX0505 RT-XX0524 RT-XX0909 |
ECONOLINE - DC/DC CONVERTER ECONOLINE -直流/直流转换 TV 29C 29#16 PIN PLUG ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉
|
Recom International Pow... RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
BYV27 BYV27-50 BYV27-100 BYV27-150 BYV27-200 BYV27 |
Ultra Fast Silicon Mesa Rectifiers 超快速整流器硅梅 ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% ECONOLINE: RQS & RQD - 隔离的直千伏,国际标准的SMD封装:UL94V型封装材料,环形磁场,效率达1% ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% From old datasheet system
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. Vishay Telefunken VISAY[Vishay Siliconix]
|
BF173 |
ECONOLINE: RJZ & RGZ - 2W Single and Dual Outputs in DIP 14 - 3kVDC and 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency up to 85% NPN硅外延平面晶体管 NPN SILICON PLANAR EPITAXIAL TRANSISTOR
|
NXP Semiconductors N.V. MICRO-ELECTRONICS[Micro Electronics]
|
REC2.2-2405SU REC2.2-2405DU REC22-33SU REC2.2-3.31 |
2.2W DC/DC converter with 5V input, -15V/ -75mA output MICRO 31 SKT 18" RBW JACKS ECONOLINE -直流/直流转换 MICRO 31 SKT 18" RBW JACKP ECONOLINE -直流/直流转换 ECONOLINE - DC/DC -CONVERTER ECONOLINE -直流/直流转换
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
AD22105AR-REEL7 AD22105ARZ-REEL7 |
Low Voltage, Resistor Programmable Thermostatic Switch Low Voltage/ Resistor Programmable Thermostatic Switch DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 2Cel, RECTANGULAR, SURFACE MOUNT SOIC-8 ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86%
|
Analog Devices, Inc.
|
X9460KV14I X9460KV14I-2.7 X9460KV14IZ X9460KV14IZ- |
Dual Audio Control Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R DUAL 33K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 32 POSITIONS, PDSO14
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|
ISL6443AIRZ-TK |
300kHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN T&R DUAL SWITCHING CONTROLLER, 340 kHz SWITCHING FREQ-MAX, PQCC28
|
Intersil, Corp.
|
BF995B BF995A BF995 |
ECONOLINE: RKZ - Safety standards and approvals: EN 60950 certified, rated for 250VAC (LVD test report)- Custom Solutions Available- 3kVDC & 4kVDC Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode From old datasheet system N-Channel Dual Gate MOS-Fieldeffect Tetrode/ Depletion Mode
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
LT1464A LT1464 146465F LT1464CS8TRPBF |
Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 1400 uV OFFSET-MAX, 0.87 MHz BAND WIDTH, PDSO8 From old datasheet system Dual Low Power 1MHz JFET Input Op Amp
|
Linear Technology, Corp.
|
ISL28288FBZ-T7 |
Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp; Temperature Range: Full-Range Ind; Package: 8-SOIC T&R DUAL OP-AMP, 2000 uV OFFSET-MAX, 0.3 MHz BAND WIDTH, PDSO8
|
Intersil, Corp.
|
RB-XX05S RB-XX24S RB-XX3.3D RB-XX09D RB-XX12D RB-X |
ECONOLINE - DC/DC-Converter ECONOLINE -直流/直流转换
|
RECOM Power Inc. MtronPTI
|
LT1497CS8TRPBF |
Dual 125mA, 50MHz Current Feedback Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 15000 uV OFFSET-MAX, PDSO8
|
Linear Technology, Corp.
|