PART |
Description |
Maker |
5962F9467602VPA 5962F9467602VPC HS7B-1100RH-Q HS7- |
Radiation Hardened/ Ultra High Speed Current Feedback Amplifier with Offset Adjust Radiation Hardened, Ultra High Speed
Current Feedback Amplifier(抗辐射超高速电流反馈放大器) Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Radiation Hardened, Ultra High Speed Current Feedback Amplifier VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier
|
Intersil Corporation Intersil, Corp.
|
HS-6617RH-T 5962R9570801TXC |
Radiation Hardened 2K x 8 CMOS PROM(???灏?MOS 16K???绋?OM) Radiation Hardened 2K x 8 CMOS PROM 2K X 8 OTPROM, 100 ns, CDFP24 Radiation Hardened 2K x 8 CMOS PROM(抗辐射CMOS 16K可编程ROM)
|
Intersil, Corp. Intersil Corporation
|
HCTS393MS HCTS393KMSR HCTS393K HCTS393HMSR HCTS393 |
Radiation Hardened Dual 4-Input NOR Gate Test Bus Controllers 68-CPGA -55 to 125 Test Bus Controllers 68-CFP -55 to 125 Radiation Hardened Octal D-Type Flip-Flop/ Three-State/ Positive Edge Triggered Radiation Hardened Dual 4-Stage Binary Counter From old datasheet system
|
INTERSIL[Intersil Corporation]
|
5962F9671501VCC 5962F9671501VXC ACTS125MS ACTS125H |
Radiation Hardened Quad Buffer/ Three-State Radiation Hardened Quad Buffer Three-State From old datasheet system Radiation Hardened Quad Buffer, Three-State 辐射加固四缓冲,三 ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% 辐射加固四缓冲,三
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HCS240MS FN3562 HCS240D HCS240DMSR HCS240HMSR HCS2 |
Radiation Hardened Octal Buffer/Line Driver, Three-State Driver, Buffer/Line, Inverter, Tri-State, Octal, Rad-Hard, High-Speed, CMOS, Logic Radiation Hardened Octal Buffer/Line Driver, Three-State(抗辐射八缓冲线驱动器(三态)) From old datasheet system Radiation Hardened Octal Buffer/Line Driver/ Three-State
|
INTERSIL[Intersil Corporation]
|
HCTS374D HCTS374DMSR HCTS374HMSR HCTS374K HCTS374K |
From old datasheet system Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered Radiation Hardened Octal Transparent Latch/ Three-State
|
INTERSIL[Intersil Corporation]
|
NCP1050ST100 NCP1050ST44 NCP1052P136 NCP1050/D NCP |
Monolithic High Voltage Gated Oscillator Power Switching Regulator 2 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PDSO4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 2 A SWITCHING REGULATOR, 154 kHz SWITCHING FREQ-MAX, PDIP8 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 24字符X2行,5X7点矩阵字符和光标
|
ON Semiconductor
|
IRHM93130 IRHM9130 IRHM9130-15 |
Simple Drive Requirements RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA) RADIATION HARDENED POWER MOSFET / 100V, P-CHANNEL -100V 300kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a TO-254AA package
|
IRF[International Rectifier]
|
HS0-2520RH-Q 5962D9568501VGA 5962D9568501VPA 5962D |
Radiation Hardened Uncompensated/ High Slew Rate Operational Amplifier 0.10 UF 80-20% 50V Y5V (0805) CHIP CAP Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier OP-AMP, 8000 uV OFFSET-MAX, 20 MHz BAND WIDTH, CDIP8 Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier OP-AMP, 8000 uV OFFSET-MAX, 20 MHz BAND WIDTH, UUC8 CONNECTOR ACCESSORY OP-AMP, 10000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CDIP8
|
Intersil Corporation Intersil, Corp.
|
M3G2803R305R4TCKA M3G2803R305R4TCKC |
HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
|
International Rectifier
|