PART |
Description |
Maker |
SP486E SP486ECP SP486ECT SP486EEP SP486EET SP487E |
Enhanced Quad RS-485/RS-422 Line Drivers
|
SIPEX[Sipex Corporation]
|
MAX3465 MAX3465CPD MAX3465CSD MAX3465EPD MAX3465ES |
5V / Fail-Safe / 40Mbps / Profibus RS-485/ RS-422 Transceivers 5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers 5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers 5V Fail-Safe 40Mbps Profibus RS-485/ RS-422 Transceivers Dual Multiplexed LVDS Repeater 16-SOIC -40 to 85 2.0 Gbps 4x4 Crosspoint Switch 38-TSSOP -40 to 85 5V. Fail-Safe. 40Mbps. Profibus RS-485/RS-422 Transceivers 5V、失效保护0Mbps、PROFIBUS RS-485/RS-422收发 5V. Fail-Safe. 40Mbps. Profibus RS-485/RS-422 Transceivers 5V、失效保护40Mbps、PROFIBUS RS-485/RS-422收发
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3491 MAX3488 |
3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers(10Mbps,具关闭方全双工,RS-485/RS-422收发 3.3V供电0Mbps、限摆率、真RS-485/RS-422收发 3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers(0.25Mbps,?ㄥ?宸ワ?RS-485/RS-422?跺???
|
Maxim Integrated Products, Inc.
|
ISL3298EMRTEP-TK ISL3298EMRTEP |
16kV ESD Protected, 125C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter 9RS-485/RS-422 Transmitter
|
Intersil Corporation
|
2745AJ 2745CA 2745CA2 2745AJ2 |
HIGH FREQUENCY MAGNETICST1/E1 Through Hole Transformers T1/E1 Transformer 3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers 5V, Fail-Safe, 20Mbps, Profibus RS-485/RS-422 Transceivers
|
Bel Fuse Inc.
|
MAX3030 MAX3030E MAX3030ECSE MAX3030ECUE MAX3030EE |
15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters ??5kV ESD-Protected, 3.3V Quad RS-422 Transmitters ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters QUAD LINE DRIVER, PDSO16 5kV ESD保护3.3V的四路的RS - 422发送器 15kV ESD-Protected / 3.3V Quad RS-422 Transmitters 【15kV ESD-Protected, 3.3V Quad RS-422 Transmitters "?5kV ESD-Protected, 3.3V , 2Mbps Quad RS-422 Transmitters" "?5kV ESD-Protected, 3.3V , 20Mbps Quad RS-422 Transmitters" ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|
ISL83485 ISL83485IB ISL83485IP ISL83483 ISL83488 I |
N-CHANNEL SILICON JUNCTION FET SOT23 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 3.3V/ Low Power/ High Speed or Slew Rate Limited/ RS-485/RS-422 Transceivers 3.3V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers There is no valid match for the device number entered.
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MAX316009 MAX3160CAP MAX3161EAG MAX3160EAP MAX3162 |
3.0V to 5.5V, 1μA, RS-232/RS-485/422 Multiprotocol Transceivers 3.0V to 5.5V, 1渭A, RS-232/RS-485/422 Multiprotocol Transceivers 3.0V to 5.5V, 1楼矛A, RS-232/RS-485/422 Multiprotocol Transceivers
|
Maxim Integrated Products
|
ADM3490EARZ ADM3490EARZ-REEL7 ADM3488E ADM3488EARZ |
3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 250kbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 2.5 Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 250kbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices
|
ISL848306 ISL8483IBZ ISL8483IBZ-T ISL8483IPZ ISL84 |
5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(5V, 低功 高速或带有限斜率功能的RS-485/RS-422收发
|
INTERSIL[Intersil Corporation]
|
|