PART |
Description |
Maker |
SA2002PSA SA2002PPA SA2002P |
Programmable Single Phase Kilowatt-hour Energy IC for Mechanical Counter Application
|
Sames
|
PT2129A PT2129A-S84S PT2129A-S84D PT2129A-S21S PT2 |
FAN MALTESE 115VAC MA2B3 W/O FG Remote Fan Controller IC 遥控风扇控制IC FAN 48 DC SPRITE SD48B2 遥控风扇控制IC FAN MALTESE 12VDC MT12B3 遥控风扇控制IC
|
PTC[Princeton Technology Corp] Princeton Technology Corporation Princeton Technology, Corp.
|
ISPPAC-CLK5620V-01T48C |
In-System Programmable, Zero-Delay Clock Generator with Universal Fan-Out Buffer
|
Lattice Semiconductor
|
ISPCLOCK5600A ISPCLOCK5610A ISPCLOCK5620A ISPPACCL |
In-System Programmable, Enhanced Zero-Delay, Clock Generator with Universal Fan-Out Buffer
|
Lattice Semiconductor
|
ML9298 |
12-Hour System Clock IC
|
OKI electronic
|
RM4104ASEB |
Low-Cost Watt-Hour Energy Meter
|
Sames
|
107CKE100MLQ 107CKE160M 107CKE035M 475CKE160M 475C |
Extended life 2000 hour Extended life 2000 hour
|
Illinois Capacitor, Inc...
|
LH2H-FE-DHK-DL LH2H-FE-DHK-FV LH2H-FE-HMK-DL LH2H- |
DIN HALF SIZE HOUR METER DIN HALF SIZE HOUR METER
|
Panasonic Semiconductor
|
EMC6W201-AEZG |
Thermal Management Products- Brushless DC Fan Controllers & Fan Fault Detectors
|
Microchip
|
TC652ACVUATR TC653ACVUATR |
Thermal Management Products- Brushless DC Fan Controllers & Fan Fault Detectors
|
Microchip
|
ISPPACCLK5610AV-01TN48C ISPPACCLK5610AV-01TN48I IS |
In-System Programmable, Enhanced Zero-Delay, Clock Generator with Universal Fan-Out Buffer 5600 SERIES, PLL BASED CLOCK DRIVER, 20 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP100 TQFP-100 5600 SERIES, PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP48 TQFP-48 CLOCK GENERATOR, ISP, SMD, TQFP48; Frequency, clock:10MHz; Temp, op. min:0(degree C); Temp, op. max:70(degree C); Pins, No. of:48; Case style:TQFP / 48; Base number:5610; Packaging type:Peel Pack; Voltage, Vcc:3.3V; Temperature, RoHS Compliant: Yes In-System Programmable, Enhanced Zero-Delay, Clock Generator with Universal Fan-Out Buffer
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
G280 |
Fan Guard for 280mm fan
|
ORION FANS
|