PART |
Description |
Maker |
DA7870AJN |
0.3-7V; 450mW; LCMOS complete, 12-bit, 100kHz, sampling ADC. For digital signal processing, speech recognition and synthesis
|
Analog Devices
|
2-177534-2 2-177534-5 2-177534-9 2-177534-4 |
5 Bit Programmable, Pulse-Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz 5-Bit, Programmable, 100kHz Pulse-Width Modulator 插座IDC6/28AWG 5未来 RECEPTACLE IDC 26/28AWG 9 WAY 插座IDC6/28AWG 9未来 5-Bit, Programmable, 100kHz Pulse-Width Modulator 插座IDC6/28AWG 4
|
Ecliptek, Corp. Vishay Intertechnology, Inc. TE Connectivity, Ltd.
|
ADS929 ADS-929 ADS-929_883 ADS-929GC ADS-929GM ADS |
14-Bit, 2MHz, Low-Power Sampling A/D Converters 14位,2MHz的,低功耗采样A / D转换 14-Bit/ 2MHz/ Low-Power Sampling A/D Converters 14-Bit 2MHz Low-Power Sampling A/D Converters
|
Datel Electronic Theatre Controls, Inc. ETC[ETC] Murata Power Solutions Inc. List of Unclassifed Manufacturers
|
AD7883BN AD7883 |
LC2MOS12-Bit, 3.3 V Sampling ADC LC2MOS 12-Bit, 3.3 V Sampling ADC
|
Analog Devices, Inc.
|
LTC1098LC LTC1096LCS8 LTC1096AC LTC1098LAI LTC1098 |
Micropower Sampling 8-Bit Serial I/O A/D Converters 微采位串行I /办公自动 D转换 Low Voltage/ Micropower Sampling 8-Bit Serial I/O A/D Converters
|
Linear Technology Corporation Linear Technology, Corp.
|
AD7865YS-1 AD7865YS-2 AD7865BS-1 AD7865BS-2 AD7865 |
Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC 4-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQFP44 Four-Channel/ Simultaneous Sampling/ Fast/ 14-Bit ADC
|
http:// Analog Devices, Inc.
|
ADS-946 ADS-946_883 ADS-946G_883 ADS-946GC ADS-946 |
14-Bit, 8MHz, sampling A/D converter ADS-946 14-Bit, 8MHz Sampling A/D Converters ADS-946 14-Bit/ 8MHz Sampling A/D Converters
|
List of Unclassifed Manufacturers Murata Power Solutions Inc. ETC[ETC] Electronic Theatre Controls, Inc. Datel
|
MAX1304ECM_V MAX1308ECM_V MAX1309ECM_V MAX130409 M |
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 隆戮10V, 隆戮5V, and 0 to 5V Analog Input Ranges 8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 卤10V, 卤5V, and 0 to 5V Analog Input Ranges 8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
|
Maxim Integrated Products Maxim Integrated Produc...
|
AD7827BR-REEL AD7827BR-REEL7 AD7827BRZ AD7827BN |
3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDSO8 14-Bit 48KSPS DAS with ADC, MUX, PGA and Internal Reference 28-SSOP -40 to 85 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDIP8 3/5V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDSO8
|
Analog Devices, Inc.
|
AD7536 AD7536AD AD7536AQ AD7536BD AD7536BQ AD7536J |
14-Bit, Multiplying Iout, 8-bit bus Low-Power, Serial 12-Bit Sampling Analog-To-Digital Converter 16-SOIC -40 to 85 LC2MOS 14-BIT uP-COMPATIBLE DAC PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, PQCC28
|
AD[Analog Devices] Analog Devices, Inc.
|
|