PART |
Description |
Maker |
MN5120 MN5121 MN5122 MN5123 MN512X MN5130 MN5131 M |
8 bit A/D converter (MN512x - MN514x) 8-bit A/D Converters 8-bit A/D Converters 8位A / D转换
|
Integrated Circuit Systems Electronic Theatre Controls, Inc. Panasonic, Corp.
|
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
MAX151 MAX151ACNG MAX151ACWG MAX151AENG MAX151AEWG |
300kHz 10-bit A/D converter with reference and T/H. TUE 1.0 LSB. 300kHz 10-Bit A/D Converter with Refrence and T/H 1-CH 10-BIT FLASH METHOD ADC, PARALLEL ACCESS, CDIP24 300kHz 10-Bit A/D Converter with Refrence and T/H 1-CH 10-BIT FLASH METHOD ADC, PARALLEL ACCESS, UUC24 16-Bit Transceivers With Parity Generators / Checkers And 3-State Outputs 56-SSOP -40 to 85 From old datasheet system 300kHz, 10-Bit ADC with Reference and Track/Hold
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
SPT7835 SPT7835SCT SPT7835SIS |
10-BIT, 5 MSPS, 75 mW A/D CONVERTER From old datasheet system 10-BIT, 5 MSPS, 75 mW A/D CONVERTER 10位,5 MSPS5毫瓦的A / D转换 10-BIT, 5 MSPS, 75 mW A/D CONVERTER 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 10-BIT, 5 MSPS, 75 mW A/D CONVERTER 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQFP32
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
AD9020TZ/883 AD9020SE/883 AD9020TE/883 AD9020SZ/88 |
10-Bit 60 MSPS A/D Converter 1-CH 10-BIT FLASH METHOD ADC, PARALLEL ACCESS, CQFP68 10-Bit 60 MSPS A/D Converter 100MSPS的A/D转换 10-Bit 60 MSPS A/D Converter 1-CH 10-BIT FLASH METHOD ADC, PARALLEL ACCESS, CQCC68 240 x 64 pixel format, CFL, LED, or EL Backlight available
|
Analog Devices, Inc.
|
AD9071 AD9071_PCB AD9071BR AD9071/PCB |
10-Bit 100 MSPS A/D Converter 10-Bit, 100 MSPS A/D Converter Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:25pF/ft RoHS Compliant: Yes 10-Bit/ 100 MSPS A/D Converter
|
AD[Analog Devices] Analog Devices, Inc.
|
HI3026 HI3026EVAL HI3026JCQ |
RELAY OPTOMOS SP-NO 150MA 4-SOP 8-Bit 120 MSPS Flash A/D Converter 8-BIT, 120 MSPS, FLASH A/D CONVERTER A/D Converter, 8-Bit, 120MSPS, Input Bandwidth 150MHz, Flash
|
INTERSIL[Intersil Corporation]
|
PM7524FS |
CMOS 8-Bit Buffered Multiplying D/A Converter 8-Bit Digital-to-Analog Converter 8位数字到模拟转换
|
Analog Devices
|
ISL5761EVAL1 ISL5761IA ISL57612IB ISL5761IB ISL576 |
10-bit/ 3.3V/ 130/210MSPS/ CommLink TM High Speed D/A Converter CONNECTOR ACCESSORY 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter PARALLEL, WORD INPUT LOADING, 0.035 us SETTLING TIME, 10-BIT DAC, PDSO28 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter 10位,3.3伏,130/210MSPSCommLink商标高速D / A转换 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
|
Intersil Corporation Intersil, Corp.
|
AD9022 AD9022AQ AD9022AZ AD9022SQ AD9022SZ |
12-Bit 20 MSPS Monolithic A/D Converter 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, CDIP28 12-Bit 20 MSPS Monolithic A/D Converter(采样速率B>20MSPS2位单片A/D转换
|
Analog Devices, Inc.
|