PART |
Description |
Maker |
AAT1155IKS-1.0-T1 AAT1155IKS-2.5-T1 AAT1155IKS-1.8 |
1MHz 2.5A Step-Down DC/DC Converter 1MHz.5A降压型DC / DC转换
|
Advanced Analogic Technologies, Inc.
|
LT1171HVIQTRPBF LT1172HVCQPBF LT1172HVCQTRPBF LT11 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PZFM5 SMPS Controller 开关电源控制器 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
PL500-16DC PL500-15SC PL500-15TC-R PL500-16SC PL50 |
Low Phase Noise VCXO (1MHz to 18MHz)
|
Micrel Semiconductor
|
PLL500-16TCL PLL500-15TC PLL500-15SCL |
Low Phase Noise VCXO (1MHz to 18MHz) 低相位噪声压控振荡器MHz8MHz的)
|
PhaseLink, Corp.
|
BD8962MUV |
Low Noise Step-down High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
LTC1701 LTKG LTC1701BES5 LTC1701B LTC17011 LTC1701 |
Analog IC 1MHz Step-Down DC/DC Converter in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 1.1 A SWITCHING REGULATOR, 1000 kHz SWITCHING FREQ-MAX, PDSO5 1MHz Step-Down DC/DC Converters in SOT-23
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC1434 LTC1433 LTC1434IGN LTC1433CGN LTC1433IGN 1 |
From old datasheet system 450mA/ Low Noise Current Mode Step-Down DC/DC Converters 450mA, Low Noise Current Mode Step-Down DC/DC Converters
|
Linear Technology
|
R1112N R1112N4.3BTR R1112N4.0BTR R1112N1.6ATL R111 |
Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Taping type TL Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Taping type TL LOW NOISE 150mA LDO REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO5 Analog IC 模拟IC Test fixture for 0402 - 1812 body sizes Linear Sensor Photodiode Array; 102x1 Sensor-Elements Organization; 300 Dots-Per-Inch (DPI) Sensor Pitch; On-Chip 8-bit Analog-to-Digital Conversion; Three-Zone Prgrammable Offset (Dark Level) and Gain; High Sped Serial Interface; 1MHz Pixel Rate High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com
|
HIROSE ELECTRIC Co., Ltd. Ricoh Co., Ltd. RICOH electronics devic...
|
LTC1438 LTC1439 LTC1439IG LTC1439IGW LTC1438IG-ADJ |
From old datasheet system Dual High Efficiency/ Low Noise/ Synchronous Step-Down Switching Regulators Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
|
LINER[Linear Technology]
|
MAX17067 |
Low-Noise Step-Up DC-DC Converter
|
Maxim Integrated Products
|