PART |
Description |
Maker |
LT6010 LT6010AIDDTRPBF LT6010IDDTRPBF LT6010IS8PBF |
135µA, 14nV/rtHz, Rail-to-Rail Output Precision Op Amp with Shutdown; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C OP-AMP, 110 uV OFFSET-MAX, 0.35 MHz BAND WIDTH, PDSO8 135µA, 14nV/rtHz, Rail-to-Rail Output Precision Op Amp with Shutdown; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C OP-AMP, 160 uV OFFSET-MAX, 0.35 MHz BAND WIDTH, PDSO8 135µA, 14nV/rtHz, Rail-to-Rail Output Precision Op Amp with Shutdown; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C OP-AMP, 185 uV OFFSET-MAX, 0.35 MHz BAND WIDTH, DSO8 135µA, 14nV/rtHz, Rail-to-Rail Output Precision Op Amp with Shutdown; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C OP-AMP, 135 uV OFFSET-MAX, 0.35 MHz BAND WIDTH, DSO8 135μA, 14nV/rtHz, Rail-to-Rail Output Precision Op Amp with Shutdown 135µA, 14nV/rtHz, Rail-to-Rail Output Precision Op Amp with Shutdown; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
VSKT136 VSKT136-04PBF VSKT136-08PBF VSKT13610 VSKT |
Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (New INT-A-PAK Power Modules)
|
Vishay Siliconix
|
9140A3015ATFREQ 9140B2520ATFREQ VECTRONINTERNATION |
CRYSTAL OSCILLATOR, CLOCK, 10 MHz - 160 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 10 MHz - 160 MHz, LVCMOS OUTPUT
|
VECTRON INTERNATIONAL
|
TB0557A |
SAW Filter 135.53 MHz SMD 5.0X7.0 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TC-210 TC-210-DGC-ST3A-12.80MHZ TC-210-CAF-106A-10 |
Temperature Compensated Crystal Oscillators(Frequency from 0.5 MHz to 160 MHz)(温度补偿晶体振荡频率.5 MHz60 MHz)) Temperature Compensated Crystal Oscillators(Frequency from 0.5 MHz to 160 MHz)(温度补偿晶体振荡频率0.5 MHz60 MHz)) TCVCXO, SINE OUTPUT, 12.8 MHz TCVCXO, CLOCK, 10 MHz, HCMOS/ACMOS OUTPUT TCVCXO, CLOCK, 40 MHz, HCMOS/ACMOS OUTPUT TCVCXO, SINE OUTPUT, 10 MHz
|
Vectron International, Inc.
|
QEN60-AHIFREQLQ100-OUT29 |
CRYSTAL OSCILLATOR, CLOCK, 1.5 MHz - 160 MHz, HCMOS/TTL OUTPUT
|
TEMEX COMPONENTS
|
VCB2-F5F-FREQ |
CRYSTAL OSCILLATOR, CLOCK, 0.032768 MHz - 160 MHz, CMOS OUTPUT
|
VECTRON INTERNATIONAL
|
VFAC3B-1-FREQ-OUT23 |
CRYSTAL OSCILLATOR, CLOCK, 80 MHz - 160 MHz, CMOS/TTL OUTPUT
|
VALPEY FISHER CORP
|
FREQ8IQXO-350IC LFFREQ8IQXO-350C LFFREQ8IQXO-350IC |
CRYSTAL OSCILLATOR, CLOCK, 70 MHz - 160 MHz, HCMOS OUTPUT
|
C-MAC MicroTechnology
|
PF-156DA |
150 MHz - 160 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 8.15 dBi GAIN
|
Maxwell Technologies, Inc
|
ADV473 ADV473KP110 ADV473KP135 ADV473KP66 ADV473KP |
CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
|
AD[Analog Devices]
|
|