PART |
Description |
Maker |
M29W400DT M29W400DT45M1E M29W400DT45M1F M29W400DT4 |
4 Mbit (512Kb x8 or 256Kb x16 Boot Block) 3V Supply Flash Memory 4 Mbit (512Kb x8 or 256Kb x16 / Boot Block) 3V Supply Flash Memory 4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory 4兆位12KB的x856Kb的x16插槽,引导块V电源快闪记忆
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导 STMicroelectronics N.V.
|
M29W800DB |
8 MBIT (1MB X8 OR 512KB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY 8 MBIT (1MB X8 OR 512KB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY
|
ST Microelectronics STMicroelectronics
|
29F800 M29F800AB M29F800AT -M295V800AB90N3T M295V8 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series II; Body Material:Metal; Series:JT; No. of Contacts:28; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle; Body Style:Straight RoHS Compliant: No 8 Mbit 1Mb x8 or 512Kb x16, Boot Block Single Supply Flash Memory 8 Mbit 1Mb x8 or 512Kb x16 / Boot Block Single Supply Flash Memory
|
ST Microelectronics 意法半导 STMicroelectronics
|
M29F800AB90M1 M29F800AB90N1 |
8 MBIT (1MB X8 OR 512KB X16, BOOT BLOCK) SINGLE SUPPLY FLASH MEMORY
|
SGS Thomson Microelectronics
|
M29F400B M29F400T 5127 |
4 Mbit (512Kb x8 or 256Kb x16, Boot Block)Single Supply Flash Memory From old datasheet system
|
STMicro
|
M29W400BT 6584 |
4 Mbit (512Kb x8 or 256Kb x16, Boot Block)Low Voltage Single Supply Flash Memory From old datasheet system
|
STMicro
|
M29W800DB M29W800DT M29W800DB70M1T M29W800DB70M6T |
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory Low-Power Configurable Multiple-Function Gate 6-SOT-23 -40 to 85 8兆(1兆x812KB的x16插槽,引导块V电源快闪记忆 Low-Power Configurable Multiple-Function Gate 6-DSBGA -40 to 85 8兆(1兆x812KB的x16插槽,引导块V电源快闪记忆 8 Mbit (1Mb x8 or 512Kb x16 / Boot Block) 3V Supply Flash Memory
|
STMicroelectronics N.V. ST Microelectronics
|
M29W800AB M29W800AB120ZA5T M29W800AT80ZA5T M29W800 |
8 Mbit 1Mb x8 or 512Kb x16 / Boot Block Low Voltage Single Supply Flash Memory Low-Power Single Buffer/Driver with 3-State Output 5-DSBGA -40 to 85 8兆x812KB的x16插槽,引导块低压单电源闪 RESISTOR: 100 OHM, 1/10W, 1%, PACKAGE 0805 81兆x812KB的x16插槽,引导块低压单电源闪 8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory 8兆x812KB的x16插槽,引导块低压单电源闪 Low-Power Single Buffer/Driver with 3-State Output 5-SOT-23 -40 to 85
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
M36W432-ZAT M36W432B85ZA1T M36W432B70ZA1T M36W432T |
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product 32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product 32兆位Mb x16插槽,开机区块快闪记忆体兆位256K x16的SRAM,多个存储产
|
STMicroelectronics N.V. 意法半导
|
M29W160EB70N1 M29W160EB70N1T M29W160EB70N6 M29W160 |
16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 16兆位(含2Mb x8兆x16插槽,引导块3V电源快闪记忆 CAP 3300UF 6.3V ELECT FC RADIAL 16兆位(含2Mb x8兆x16插槽,引导块V电源快闪记忆 16 Mbit (2Mb x8 or 1Mb x16 / Boot Block) 3V Supply Flash Memory 16 MBIT (2MB X8 OR 1MB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY 70ns; V(in/out): -0.6 to 0.6V; 16Mbit (2Mb x 8 or 1Mb x 16, boot block) 3V supply flash memory
|
STMicroelectronics N.V. ST Microelectronics SGS Thomson Microelectronics
|
M36W216TI-ZAT M36W216BIZA M36W216TIZA M36W216TI70Z |
16 Mbit 1Mb x16, Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM, Multiple Memory Product 16兆x16插槽,开机区块快闪记忆体兆位128KB的x16的SRAM,多个存储产 16 Mbit 1Mb x16, Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM, Multiple Memory Product 16兆x16插槽,开机区块快闪记忆体2兆位128KB的x16的SRAM,多个存储产 PV76L14-18P
|
http:// STMicroelectronics N.V. 意法半导
|