PART |
Description |
Maker |
LTC4095 LTC4095EDC LTC4095EDCTRMPBF LTC4095-15 |
Standalone USB Li-Ion/Polymer Battery Charger Standalone USB Li-Ion/Polymer Battery Charger in 2mm 】 2mm DFN Standalone USB Li-Ion/Polymer Battery Charger in 2mm × 2mm DFN Standalone USB Li-Ion/Polymer Battery Charger in 2mm x 2mm DFN; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Linear Technology, Corp.
|
LTC4002-8.4 LTC4002EDD LTC4002EDD-8.4 LTC4002ES8 L |
Standalone Li-Ion Switch Mode Battery Charger Standalone Li-Ion Switch Mode Battery Charger; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C Standalone Li-Ion Switch Mode Battery Charger BATTERY CHARGE CONTROLLER, 550 kHz SWITCHING FREQ-MAX, PDSO10 Standalone Li-Ion Switch Mode Battery Charger; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C BATTERY CHARGE CONTROLLER, 550 kHz SWITCHING FREQ-MAX, PDSO10 2-Cell Standalone Li-Ion Switch Mode Battery Charger
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. LINER[Linear Technology]
|
AM27C64-70LEB AM27C64-120LEB AM27C64-70/BXA AM27C6 |
Standalone Linear Li-Ion Battery Chargers with Thermal Regulation in DFN; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C Standalone Li-Ion Switch Mode Battery Charger; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C Coulomb Counter/Battery Gas Gauge; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C Hot Swap Controller in 6-Lead SOT-23 Package; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C 4A, High Efficiency, Standalone Li-Ion Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C x8 EPROM x8存储
|
Ironwood Electronics
|
LTC4080X LTC4080XEDD-PBF LTC4080XEDD-TRPBF LTC4080 |
500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm × 3mm DFN 500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 0.8 A BATTERY CHARGE CONTROLLER, 2750 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LTC4002-4.2 LTC4002ES8-4.2 LTC4002EDD-4.2 |
Standalone Li-Ion Switch Mode Battery Charger
|
Linear Technology Corporation LINER[Linear Technology]
|
LTC4068-4.2 LTC4068XEDD-4.2 LTC4068EDD-4.2 LTC4068 |
Standalone Linear Li-Ion Battery Charger with Programmable Termination
|
Linear Technology
|
LTC4068XEDD-4.2TR |
Standalone Linear Li-Ion Battery Charger with Programmable Termination
|
Linear Technology
|
LTC4097 LTC4097EDDB |
USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger
|
Linear Technology
|
LTC4006 4006I |
4A High Efficiency Standalone Li-Ion Battery Charger From old datasheet system
|
Linear
|
LTC3552-1 LTC3552EDHC-1 |
Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
|
Linear Technology
|