PART |
Description |
Maker |
LTC1706EMS-81 LTC1706-81 LTC1706-81-15 |
5-Bit Desktop VID Voltage Programmer
|
Linear Technology Corporation http://
|
LTC1706-19 170619F LTC1706C-19 LTC1706CS8-19 LTC17 |
Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:18; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-18 VID电压编程 VID Voltage Programmer VID电压编程 From old datasheet system
|
Linear Technology, Corp. http://
|
EN5365QI EN5365QI-E |
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
|
Enpirion, Inc.
|
ISL6263B ISL6263BHRZ ISL6263BHRZ-T |
5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
|
Intersil Corporation
|
ISL6223EVA ISL6223 ISL6223CA- ISL6263 ISL6223EVAL2 |
Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller PWM Controller, 2 Phase, 5-Bit VID Input, 1.30V to 2.00V in 50mV Steps, ?% Reg, Supply Voltage 5V
|
INTERSIL[Intersil Corporation]
|
ISL6556A |
PWM Controller, 2-4 Phase, 6-Bit VID, VOUT = 0.8375 to 1.60V, ?.5% Reg, RDS (on)sensing with External Temp Compensation, >1MHz operation, Application = uP Core Voltage VR10.X, use with HIP6601B
|
Intersil
|
DS51795A |
PICkit 3 Programmer/Debugger
|
Microchip Technology
|
FL-101 |
FlashLINK JTAG Programmer
|
STMicroelectronics
|
FAN53168 FAN53168MTC FAN53168MTCX |
2 to 4 Phase 6-bit VID-Controlled Synchronous Buck Controller 6-Bit VID Controlled 2-4 Phase DC-DC Controller
|
FAIRCHILD[Fairchild Semiconductor]
|
HIP6004B03 HIP6004BCR HIP6004BCV HIP6004B HIP6004B |
Microprocessor DC-DC Converter, Buck/Sync-Rectifier, TTL 5-Bit VID DAC, % Reg Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
|
INTERSIL[Intersil Corporation] http://
|
AZPB70 AZPB70H AZPB70M AZPB70Q |
Programmer Board Kit for AZT70/71
|
Arizona Microtek, Inc
|