PART |
Description |
Maker |
AD7945ARS-B AD7945AN-B AD7943ANZ-B AD7943ARS-B AD7 |
3.3 V/ 5 V Multiplying 12-Bit DACs 3.3 V/ 5 V Multiplying 12-Bit DAC With a Parallel Interface 3.3 V/ 5 V Multiplying 12-Bit DACs SERIAL INPUT LOADING, 5 us SETTLING TIME, 12-BIT DAC, PDSO20 3.3 V/ 5 V Multiplying 12-Bit DAC With a Serial Interface; Package: PDIP; No of Pins: 16; Temperature Range: Industrial SERIAL INPUT LOADING, 5 us SETTLING TIME, 12-BIT DAC, PDIP16
|
ANALOG DEVICES INC Analog Devices, Inc.
|
MAX551 MAX552 MAX552AEPA MAX552AEUBT MAX551BEUB-T |
3V/ 5V, 12-Bit, Serial, Multiplying DACs in 10-Pin µMAX Package SERIAL INPUT LOADING, 0.08 us SETTLING TIME, 12-BIT DAC, PDSO10 3V/ 5V, 12-Bit, Serial, Multiplying DACs in 10-Pin µMAX Package
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
MAX501 MAX501ACNG MAX501ACWG MAX501AENG MAX501AEWG |
RELAY 电压输出2位乘法数模转换器 JT 15C 14#20 1#16 SKT RECP Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Voltage-Output / 12-Bit Multiplying DACs Voltage-Output 12-Bit Multiplying DACs Voltage-Output, 12-Bit Multiplying DACs
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
AD5450 AD5450YUJ AD5451 AD5451YUJ AD5452 AD5452YRM |
2.5 V to 5.5 V, 14-bit high bandwidth multiplying DAC with serial interface 12-Bit High Bandwidth Multiplying DACs with Serial Interface 10-Bit High Bandwidth Multiplying DACs with Serial Interface 8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface 8-Bit High Bandwidth Multiplying DACs with Serial Interface 5 #22 PVC PVC RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:5; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Features:Unshielded RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Features:Unshielded RoHS Compliant: Yes
|
Advanced Analogic Technologies AD[Analog Devices] Analog Devices, Inc.
|
EV-AD5443/46/53SDZ AD5452YRM AD5452YRM-REEL AD5452 |
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
|
Analog Devices
|
MAX552AEPA MAX552AEUB MAX551/MAX552 |
12-Bit Digital-to-Analog Converter 3V/ 5V 12-Bit Serial Multiplying DACs in 10-Pin uMAX Package
|
Maxim Integrated Products, Inc.
|
EV-AD5415/49SDZ |
Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
|
Analog Devices
|
AD5426 AD5426BRM AD5432 AD5432BRM AD5443BRM |
High Bandwidth CMOS 8/10/12-Bit Serial Interface Multiplying DACs
|
ETC
|
AM27C080-150/BXA AM27C080-200JI AM27C080-150JI AM2 |
16-Bit, 100ksps, Sampling ADC; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C Dual-Channel Hot Swap Controller/Power Sequencer; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 16-Bit Parallel Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 16-Bit Parallel Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C Dual-Channel Hot Swap Controller/Power Sequencer; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Serial 16-Bit Multiplying DACs; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 16-Bit Parallel Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: PDIP; No of Pins: 28; Temperature Range: -40°C to 85°C Serial 16-Bit Multiplying DACs; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C 16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 85°C Serial 16-Bit Multiplying DACs; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 85°C Parallel 16-Bit Rail-to-Rail Micropower DAC; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C Low Glitch 16-Bit Voltage Output DAC; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 16-Bit, 100ksps, Sampling ADC; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C Low Glitch 16-Bit Voltage Output DAC; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C Ultralow Power, Dual 10-Bit DAC in MSOP; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 16-Bit, 100ksps, Sampling ADC; Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C x8存储 x8 EPROM x8存储 16-Bit Parallel Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C x8存储 Monolithic Synchronous Step-Down Switching Regulator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C x8存储 16-Bit, 100ksps, Sampling ADC; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C x8存储
|
Analog Devices, Inc. Advanced Micro Devices, Inc. Coilcraft, Inc. Magnecraft Atmel, Corp.
|
MAX5105 MAX5105EEP MAX5105EWP MAX5105-MAX5106 MAX5 |
" Nonvolatile, Quad, 8-Bit DACs" Nonvolatile / Quad / 8-Bit DACs Nonvolatile, Quad, 8-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO20 Nonvolatile, Quad, 8-Bit DACs 非易失、四路位DAC
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
SP7516KN HS3160 HS3160B-3_883 HS3160B-3Q HS3160B-4 |
16-Bit Multiplying DACs
|
SIPEX[Sipex Corporation]
|
AD7943 AD7943AN-B AD7943ARS-B AD7943BN AD7943BR AD |
3.3 V/ 5 V Multiplying 12-Bit DACs
|
AD[Analog Devices]
|