PART |
Description |
Maker |
ATS-59007-C1-R0 |
maxiGRIP HS Assembly, T766, BLACK-ANODIZED, 35MM COMP
|
Advanced Thermal Solutions, Inc.
|
DMC16249UB DMC16249 |
SENS ACCLRMTR 5G TEMP COMP LCD Module Specification
|
Optrex America, Inc. OPTREX[OPTREX CORPORATION]
|
ATS-59009-C1-R0 |
maxiGRIP HS Assembly, T412, BLACK-ANODIZED, 42.5MM COMP
|
Advanced Thermal Solutions, Inc.
|
ATS-60001-C1-R0 |
maxiFLOW Heat Sink, T412, BLUE-ANODIZED, 37.5MM COMP
|
Advanced Thermal Solutions, Inc.
|
TMP04FS-REEL |
Temperature Sensor: Serial Digital Output Thermometers CMOS/TTL Comp.; Package: SOIC; No of Pins: 8; Temperature Range: TBD
|
ANALOG DEVICES INC
|
M54HC423 M54HC423A M54HC423AB1R M54HC423AC1R M54HC |
12-Bit DAC Parallel Voltage Out Pgrmable Int Ref Settling Time, Pwr Consumption, 8-bit uC Comp Int 20-TSSOP -40 to 85 双RETRIGGERABLE单稳态触发器 DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
PIC16F87 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC architecture into an 18-pin package and is upwards comp
|
Microchip
|
M48T37YMH M48T37Y-70MH1TR M48T37Y-70MH6 M48T37Y-70 |
TRANS PREBIASED DUAL NPN SOT363 TRANS PREBIASED DUAL COMP SOT363 TRANS PREBIAS DUAL COMP SOT-563 TRANS PREBIASED DUAL PNP SOT-363 DIODE ZENER SINGLE 150mW 3.6Vz 5mA-Izt 0.0556 5uA-Ir 1 SOT-523 3K/REEL DIODE ZENER DUAL ISOLATED 200mW 3.6Vz 5mA-Izt 0.0556 5uA-Ir 1 SOT-363 3K/REEL 3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM 3.3 - 5V56千位2KB的SRAM x8计时 DIODE ZENER SINGLE 300mW 3.6Vz 5mA-Izt 0.0556 5uA-Ir 1 SOT-23 3K/REEL 3.3 - 5V56千位2KB的SRAM x8计时 DIODE ZENER DUAL ISOLATED 200mW 3.3Vz 5mA-Izt 0.0606 5uA-Ir 1 SOT-363 3K/REEL 3.3 - 5V56千位32KB的SRAM x8计时
|
意法半导 ST Microelectronics STMicroelectronics N.V.
|
OF27GJE NPC-1305 OA105KE |
RESISTOR 2.7 OHM .5W CARB COMP RESISTOR, CARBON COMPOSITION, 0.5 W, 5 %, 2.7 ohm, THROUGH HOLE MOUNT SNAGLESS CAT5E PATCH COROS Molded insulation for high dielec-tric strength.
|
Ohmite Mfg. Co. List of Unclassifed Manufacturers List of Unclassifed Man...
|
PIC16F818 PIC16F819 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC architecture into an 18-pin package and is upwards comp This powerful (200 nanosecond instruction execution) yet easy–to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC architecture into an 18-pin package and is upward
|
Microchip
|