PART |
Description |
Maker |
195D |
Solid Tantalum Chip Capacitors, Conformal, Industrial Grade, TANTAMOUNT? Tantalum Chips with Conformal Terminals, Minimum size, Meets IEC Specification QC300801/US0002, 2 Standard Electroplate Terminations
|
Vishay
|
591D686X004C2T 591D686X010C2T 591D686X010D2T 591D6 |
Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV 固体钽芯片电容器等于??,低姿态,低ESR,共形涂层,最大简 SW MINI PUSHBUTTON PANEL SEAL Conformal-coated tantalum capacitor;
high CV; low ESR;
low profile 1.2 - 2.0mm Solid Tantalum Chip Capacitors TANTAMOUNT?? Low Profile Low ESR Conformal Coated Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT??, Low Profile, Low ESR, Conformal Coated, Maximum CV
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. aximum CV VISAY[Vishay Siliconix]
|
G751-2P8 G751 G751-1P1 G751-2P1 |
Tantalum Conformal-Coated Capacitor; Capacitance: 33uF; Voltage: 6.3V; Case Size: 1.6x3.2 mm; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 33uF; Voltage: 6.3V; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 33uF; Voltage: 6.3V; Case Size: 1.6x3.2 mm; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 33uF; Voltage: 6.3V; Packaging: Tape & Reel Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
|
Global Mixed-mode Technology Inc. GMT[Global Mixed-mode Technology Inc]
|
572D 572D225X025Q2 572D686X010B2 572D227X004B2001 |
Solid Tantalum Chip Capacitors TANTAMOUNT㈢, Low Profile, Conformal Coated, Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT垄莽, Low Profile, Conformal Coated, Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT庐, Low Profile, Conformal Coated, Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT?, Low Profile, Conformal Coated, Maximum CV
|
Vishay Siliconix http://
|
ADG721 ADG721BRM ADG722BRM ADG723BRM ADG722 ADG723 |
4 Ohm, Low Voltage Dual SPST (1NO/1NC) Switch on 8-ld uSOIC CMOS Low Voltage 4 ohm Dual SPST Switches Tantalum Conformal-Coated Capacitor; Capacitance: 100uF; Voltage: 4V; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 15uF; Voltage: 4V; Packaging: Tape & Reel
|
AD[Analog Devices] Analog Devices, Inc.
|
195D474X-025C2T |
Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
|
Vishay Siliconix
|
595D4741025T23 |
Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
|
Vishay Siliconix
|
T350E475K035AT7301 |
Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 4.7 uF, /-10% Tol, 35 V, Lead Spacing=2.54 mm
|
Kemet Corporation
|
592D106X0010B2T 592D106X0010B2W 592D106X0010B4T 59 |
Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
|
VISAY[Vishay Siliconix]
|
T350G106M035AT7301 |
Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 10 uF, /-20% Tol, 35 V, Lead Spacing=2.54 mm
|
Kemet Corporation
|
T350B225K025AT |
Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 2.2 uF, /-10% Tol, 25 V, Lead Spacing=2.54 mm
|
Kemet Corporation
|
|