PART |
Description |
Maker |
ILC7062 ILC7062CM-25 ILC7062CM-50 ILC7062CP-25 ILC |
3.3V CMOS LDO SOT-23 CMOS LDO RES 1K30 SM 1/8W F 1206C THKF 100PPM TR FUSE,GLS,TM-LG,1.0A,250V,5X20 FUSE, 5X20MM, 2A SB SOT - 23封装的CMOS LDO稳压
|
IMPALA[Impala Linear Corporation]
|
AME8841REHA AME8841 AME8841AEHA AME8841BEHA AME884 |
Output voltage: 1.5V; 600mA CMOS LDO Output voltage: 3.1V; 600mA CMOS LDO Output voltage: 2.9V; 600mA CMOS LDO Circular Connector; No. of Contacts:100; Series:MS27466; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:23; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 600毫安的CMOS LDO稳压 Output voltage: 2.85V; 600mA CMOS LDO Output voltage: 3.7V; 600mA CMOS LDO
|
AME[Analog Microelectronics] AME, Inc.
|
MX27C8000A MX27C8000AMC-10 MX27C8000AMC-12 MX27C80 |
8M-BIT [1M x8] CMOS EPROM 1M X 8 OTPROM, 90 ns, PQCC32 JT 21C 21#16 SKT RECP 1M X 8 OTPROM, 90 ns, PDSO32 Single Output LDO, 100mA, Fixed(3.0V), Low Quiescent Current, Thermal Protection 5-SOT-23 1M X 8 OTPROM, 120 ns, PDSO32 8M-BIT [1M x8] CMOS EPROM 1M X 8 OTPROM, 120 ns, PQCC32 8M-BIT [1M x8] CMOS EPROM 1M X 8 OTPROM, 100 ns, PQCC32 8M-BIT [1M x8] CMOS EPROM 1M X 8 OTPROM, 90 ns, PDIP32
|
Macronix International Co., Ltd. MCNIX[Macronix International]
|
SP6205EM5 SP6205EM5-1-8 SP6203EM5-2-7/TR SP6205EM5 |
Low Noise, 300mA and 500mA CMOS LDO Regulators 2.7 V FIXED POSITIVE LDO REGULATOR, PDSO5 MO-178AA, SOT-23, 5 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, DSO8
|
Sipex Corporation NXP Semiconductors N.V.
|
ILC7071X25 ILC7071X26 ILC7071X27 ILC7071X28 ILC707 |
VOLT REGULATOR|FIXED| 3.1V|CMOS|TSOP|6PIN|PLASTIC VOLT REGULATOR|FIXED| 2.6V|CMOS|TSOP|6PIN|PLASTIC VOLT REGULATOR|FIXED| 2.8V|CMOS|TSOP|6PIN|PLASTIC VOLT REGULATOR|FIXED| 2.9V|CMOS|TSOP|6PIN|PLASTIC 100mA SOT-23-5 Low Noise CMOS RF-LDO TM Regulator 100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
|
Fairchild Semiconductor
|
27C4100 27C4096 MX27C4096 MX27C4096PI-12 MX27C4096 |
(MX27C4100 / MX27C4096) 4M-BIT [512K x 8/256K x 16] CMOS EPROM 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 120 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 100 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 150 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 150 ns, PDSO40 Single Output LDO, 50mA, Fixed(3.0V), Low Quiescent Current, Thermal Protection 5-SOT-23 256K X 16 OTPROM, 100 ns, PDIP40
|
Macronix International Co., Ltd.
|
CM3019-33ST CM3019 CM3019-00 CM3019-00MA CM3019-00 |
Micropower, 500mA Low Noise CMOS LDO Regulator 微功耗,低噪00mA的LDO稳压器的CMOS Micropower, 500mA Low Noise CMOS LDO Regulator 微功耗,低噪00mALDO稳压器的CMOS Circular Connector; No. of Contacts:23; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:16-99 RoHS Compliant: No Micropower, 500mA Low Noise LDO CMOS Regulator
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
TC1108 TC1108-50VDB TC1108-25VDB TC1108-28VDB TC11 |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.48 V DROPOUT, PDSO4 The TC1108 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Total supply current is typically ... 300mA CMOS LDO 300mA的CMOS低压
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
TC1016 TC1016-1.85VCTTR TC1016-1.85VLTTR |
TC1016 is a high accuracy (typically ±0.5%) CMOS upgrade for bipolar low dropout regulators. It is offered in an SC-70 package, ... 80MA TINY CMOS LDO WITH SHUTDOWN
|
Microchip Technology
|
GLT44108 GLT44108-35FA GLT44108-35FB GLT44108-35FC |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SC70 -40 to 125 12k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, Fast Transient Response 5-SOT-23 12k × 8的CMOS动态RAM的快速页面模 30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SOT-23 -40 to 125 12k × 8CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.8V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.5V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE 12k × 8的CMOS动态RAM的快速页面模 Multi-Color LED; LED Color:Red; Luminous Intensity:25ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Fixed(3.3V), Low Noise, Fast Transient Response 5-SOT-23 Single Output LDO, 100mA, Fixed(2.85V), Low Noise, Fast Transient Response 5-SOT-23
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
|