PART |
Description |
Maker |
HCMS-2902 HCMS-2903 HCMS-2904 HCMS-2911 HCMS-2912 |
HCMS-2962 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2961 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2964 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2963 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2925 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2924 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2923 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2922 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2921 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2915 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2914 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2913 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2912 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2911 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2905 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2904 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2903 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2902 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2901 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2975-HI000 · High Performance CMOS 5 x 7 Alphanumeric Displays Bipolar Transistor; Collector Emitter Voltage, Vceo:350V; Transistor Polarity:NPN; Power Dissipation:1W; DC Current Gain Min (hfe):40; Collector Current:1A; Package/Case:3-TO-39; DC Current Gain Max (hfe):60; Terminal Type:5 T-PNP-SI-HV AF PWR AMP High Performance CMOS 5 x 7 Alphanumeric Displays 高性能CMOS 5 × 7字母数字显示
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Vishay Intertechnology, Inc.
|
FP1189 |
High Performance ?-Watt HFET(Heterostructure FET) High Performance ?-Watt HFET(Heterostructure FET) High Performance ??Watt HFET(Heterostructure FET)
|
List of Unclassifed Manufacturers ETC N.A.
|
EPA030B |
High Performance Heterojunction Dual-Gate FET
|
Excelics Semiconductor, Inc.
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
91305AMILFT 91305AGILFT ICS91305I |
HIGH PERFORMANCE COMMUNICATION BUFFER Zero input - output delay
|
Integrated Device Technology
|
TMP47C416 TMP47C216 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
74LVC32AM 74LVC32AMTR |
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE HIGH PERFORMANCE
|
ST Microelectronics
|
EL2006 EL2006ACG EL2006AG EL2006CG EL2006G EL883G |
High Gain Fast FET Input Op Amp
|
ELANTEC[Elantec Semiconductor]
|
MSK0032 MSK0032B 5962-80013 0032 |
HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers M.S. Kennedy Corp.
|
SC4612 |
Wide Input Range High Performance Synchronous Buck Switching Controller
|
Semtech Corporation
|
74LVC00A 74LVC00ATTR 74LVC00AMTR |
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE HIGH PERFORMANCE
|
STMicroelectronics
|